Electronic Components Datasheet Search
  English  ▼

X  

AD5755 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5755
Description  Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5755 Datasheet HTML 16Page - Analog Devices AD5755 Datasheet HTML 17Page - Analog Devices AD5755 Datasheet HTML 18Page - Analog Devices AD5755 Datasheet HTML 19Page - Analog Devices AD5755 Datasheet HTML 20Page - Analog Devices AD5755 Datasheet HTML 21Page - Analog Devices AD5755 Datasheet HTML 22Page - Analog Devices AD5755 Datasheet HTML 23Page - Analog Devices AD5755 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
AD5755
Rev. 0 | Page 20 of 48
–0.08
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
AVDD = +15V
AVSS = –15V
4mA TO 20mA INTERNAL RSET
4mA TO 20mA EXTERNAL RSET
0mA TO 20mA INTERNAL RSET
0mA TO 20mA EXTERNAL RSET
0mA TO 24mA EXTERNAL RSET
0mA TO 24mA INTERNAL RSET
Figure 37. Total Unadjusted Error vs. Temperature
–0.08
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
AVDD = +15V
AVSS = –15V
4mA TO 20mA INTERNAL RSET
4mA TO 20mA EXTERNAL RSET
0mA TO 20mA INTERNAL RSET
0mA TO 20mA EXTERNAL RSET
0mA TO 24mA EXTERNAL RSET
0mA TO 24mA INTERNAL RSET
Figure 38. Full-Scale Error vs. Temperature
–0.020
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0.020
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
4mA TO 20mA INTERNAL RSET
4mA TO 20mA EXTERNAL RSET
0mA TO 20mA INTERNAL RSET
0mA TO 20mA EXTERNAL RSET
0mA TO 24mA EXTERNAL RSET
0mA TO 24mA INTERNAL RSET
AVDD = +15V
AVSS = –15V
Figure 39. Offset Error vs. Temperature
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
4mA TO 20mA INTERNAL RSET
4mA TO 20mA EXTERNAL RSET
0mA TO 20mA INTERNAL RSET
0mA TO 20mA EXTERNAL RSET
0mA TO 24mA EXTERNAL RSET
0mA TO 24mA INTERNAL RSET
AVDD = +15V
AVSS = –15V
Figure 40. Gain Error vs. Temperature
–0.0020
–0.0015
–0.0010
–0.0005
0
0.0005
0.0010
0.0015
0.0020
0.0025
10
15
20
25
30
SUPPLY (V)
4mA TO 20mA RANGE MAX INL
4mA TO 20mA RANGE MIN INL
TA = 25°C
AVSS = –26.4V FOR AVDD > +26.4V
Figure 41. Integral Nonlinearity Error vs. AVDD/|AVSS|,
Over Supply, External RSET
–0.0020
–0.0025
–0.0015
–0.0010
–0.0005
0
0.0005
0.0010
0.0015
10
15
20
25
30
SUPPLY (V)
4mA TO 20mA RANGE MAX INL
4mA TO 20mA RANGE MIN INL
TA = 25°C
AVSS = –26.4V FOR AVDD > +26.4V
Figure 42. Integral Nonlinearity Error vs. AVDD/|AVSS|,
Over Supply, Internal RSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com