Electronic Components Datasheet Search
  English  ▼

X  

AD5755 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5755
Description  Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5755 Datasheet HTML 15Page - Analog Devices AD5755 Datasheet HTML 16Page - Analog Devices AD5755 Datasheet HTML 17Page - Analog Devices AD5755 Datasheet HTML 18Page - Analog Devices AD5755 Datasheet HTML 19Page - Analog Devices AD5755 Datasheet HTML 20Page - Analog Devices AD5755 Datasheet HTML 21Page - Analog Devices AD5755 Datasheet HTML 22Page - Analog Devices AD5755 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
AD5755
Rev. 0 | Page 19 of 48
CURRENT OUTPUTS
–0.0025
–0.0015
–0.0005
0.0005
0.0015
0.0025
0
10000
20000
30000
40000
50000
60000
CODE
AVDD = +15V
AVSS = –15V
TA = 25°C
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, INTERNAL RSET
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
Figure 31. Integral Nonlinearity vs. Code
0
10000
20000
30000
40000
50000
60000
CODE
AVDD = +15V
AVSS = –15V
TA = 25°C
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, INTERNAL RSET
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
Figure 32. Differential Nonlinearity vs. Code
0
10000
20000
30000
40000
50000
60000
CODE
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0.020
0.025
0.030
0.035
AVDD = +15V
AVSS = –15V
TA = 25°C
ALL CHANNELS ENABLED
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, INTERNAL RSET
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
Figure 33. Total Unadjusted Error vs. Code
–0.0010
–0.0008
–0.0006
–0.0004
–0.0002
0
0.0002
0.0004
0.0006
0.0008
0.0010
4mA TO 20mA RANGE MAX INL
0mA TO 20mA RANGE MAX INL
0mA TO 24mA RANGE MAX INL
4mA TO 20mA RANGE MAX INL
0mA TO 24mA RANGE MIN INL
0mA TO 20mA RANGE MIN INL
AVDD = +15V
AVSS = –15V
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 34. Integral Nonlinearity vs. Temperature, Internal RSET
–0.0020
–0.0015
–0.0010
–0.0005
0
0.0005
0.0010
0.0015
0.0020
4mA TO 20mA RANGE MAX INL
0mA TO 20mA RANGE MAX INL
0mA TO 24mA RANGE MAX INL
4mA TO 20mA RANGE MIN INL
0mA TO 24mA RANGE MIN INL
0mA TO 20mA RANGE MIN INL
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
AVDD = +15V
AVSS = –15V
Figure 35. Integral Nonlinearity vs. Temperature, External RSET
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
AVDD = +15V
AVSS = –15V
ALL RANGES
INTERNAL AND EXTERNAL RSET
DNL ERROR MAX
DNL ERROR MIN
Figure 36. Differential Nonlinearity vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com