Electronic Components Datasheet Search
  English  ▼

X  

AD5755 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5755
Description  Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5755 Datasheet HTML 13Page - Analog Devices AD5755 Datasheet HTML 14Page - Analog Devices AD5755 Datasheet HTML 15Page - Analog Devices AD5755 Datasheet HTML 16Page - Analog Devices AD5755 Datasheet HTML 17Page - Analog Devices AD5755 Datasheet HTML 18Page - Analog Devices AD5755 Datasheet HTML 19Page - Analog Devices AD5755 Datasheet HTML 20Page - Analog Devices AD5755 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
AD5755
Rev. 0 | Page 17 of 48
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
10
15
20
25
30
SUPPLY (V)
AVSS = –26.4V FOR AVDD > +26.4V
AVDD = +15V
AVSS = –15V
ALL RANGES
TA = 25°C
DNL ERROR MAX
DNL ERROR MIN
Figure 20. Differential Nonlinearity Error vs. AVDD/|AVSS|
0.008
0.006
0.004
0.002
0
–0.008
–0.004
10
15
20
25
30
SUPPLY (V)
0V TO 10V RANGE MAX INL
0V TO 10V RANGE MIN INL
TA = 25°C
AVSS = –26.4V FOR AVDD > +26.4V
Figure 21. Total Unadjusted Error vs. AVDD/|AVSS|
0.0020
0.0015
0.0010
0.0005
0
–0.0005
–0.0010
–0.0015
–0.0020
–20
20
16
12
8
4
0
–4
–8
–12
–16
OUTPUT CURRENT (mA)
8mA LIMIT, CODE = 0xFFFF
16mA LIMIT, CODE = 0xFFFF
AVDD = +15V
AVSS = –15V
±10V RANGE
TA = 25°C
Figure 22. Source and Sink Capability of Output Amplifier
12
8
4
0
–4
–8
–12
–5
15
10
5
0
TIME (µs)
AVDD = +15V
AVSS = –15V
±10V RANGE
TA = 25°C
OUTPUT UNLOADED
Figure 23. Full-Scale Positive Step
12
8
4
0
–4
–8
–12
–5
15
10
5
0
TIME (µs)
AVDD = +15V
AVSS = –15V
±10V RANGE
TA = 25°C
OUTPUT UNLOADED
Figure 24. Full-Scale Negative Step
15
10
5
0
–5
–10
–15
–20
05
4
3
2
1
TIME (µs)
0x7FFF TO 0x8000
0x8000 TO 0x7FFF
AVDD = +15V
AVSS = –15V
+10V RANGE
TA = 25ºC
Figure 25. Digital-to-Analog Glitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com