Electronic Components Datasheet Search
  English  ▼

X  

AD5755 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5755
Description  Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5755 Datasheet HTML 9Page - Analog Devices AD5755 Datasheet HTML 10Page - Analog Devices AD5755 Datasheet HTML 11Page - Analog Devices AD5755 Datasheet HTML 12Page - Analog Devices AD5755 Datasheet HTML 13Page - Analog Devices AD5755 Datasheet HTML 14Page - Analog Devices AD5755 Datasheet HTML 15Page - Analog Devices AD5755 Datasheet HTML 16Page - Analog Devices AD5755 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
AD5755
Rev. 0 | Page 13 of 48
Pin No.
Mnemonic
Description
15
ALERT
Active High Output. This pin is asserted when there has been no SPI activity on the interface pins for a
predetermined time. See the Device Features section for more information.
16
FAULT
Active Low Output. This pin is asserted low when an open circuit in current mode is detected, a short circuit in
voltage mode is detected, a PEC error is detected, or an overtemperature is detected (see the Device Features
section). Open-drain output.
17
POC
Power-On Condition. This pin determines the power-on condition and is read during power-on or, alternatively,
after a device reset. If POC = 0, the device is powered up with the voltage and current channels in tristate mode.
If POC = 1, the device is powered up with a 30 kΩ pull-down resistor to ground on the voltage output channel,
and the current channel is in tristate mode.
18
RESET
Hardware Reset, Active Low Input.
19
AVDD
Positive Analog Supply. The voltage range is from 9 V to 33 V.
20
COMPLV_A
Optional Compensation Capacitor Connection for VOUT_A Output Buffer. Connecting a 220 pF capacitor between
this pin and the VOUT_A pin allows the voltage output to drive up to 2 μF. Note that the addition of this capacitor
reduces the bandwidth of the output amplifier, increasing the settling time.
21
−VSENSE_A
Sense Connection for the Negative Voltage Output Load Connection for VOUT_A. This pin must stay within ±3.0 V
of AGND for specified operation.
22
+VSENSE_A
Sense Connection for the Positive Voltage Output Load Connection for VOUT_A.
23
COMPDCDC_A
DC-to-DC Compensation Capacitor. Connect a 10 nF capacitor from this pin to ground. Used to regulate the
feedback loop of the Channel A dc-to-dc converter. Alternatively, if using an external compensation resistor,
place a resistor in series with a capacitor to ground from this pin (see the DC-to-DC Converter Compensation
Capacitors and the AICC Supply Requirements—Slewing sections in the Device Features section for more
information).
24
VBOOST_A
Supply for Channel A Current Output Stage (see Figure 72). This is also the supply for the VOUT_x stage, which is
regulated to 15 V by the dc-to-dc converter. To use the dc-to-dc feature of the device, connect as shown in
Figure 78.
25
VOUT_A
Buffered Analog Output Voltage for DAC Channel A.
26
IOUT_A
Current Output Pin for DAC Channel A.
27
AVSS
Negative Analog Supply Pin. Voltage range is from −10.8 V to −26.4 V.
28
COMPLV_B
Optional Compensation Capacitor Connection for VOUT_B Output Buffer. Connecting a 220 pF capacitor between
this pin and the VOUT_B pin allows the voltage output to drive up to 2 μF. Note that the addition of this capacitor
reduces the bandwidth of the output amplifier, increasing the settling time.
29
−VSENSE_B
Sense Connection for the Negative Voltage Output Load Connection for VOUT_B. This pin must stay within ±3.0 V
of AGND for specified operation.
30
+VSENSE_B
Sense Connection for the Positive Voltage Output Load Connection for VOUT_B.
31
VOUT_B
Buffered Analog Output Voltage for DAC Channel B.
32
COMPDCDC_B
DC-to-DC Compensation Capacitor. Connect a 10 nF capacitor from this pin to ground. Used to regulate the
feedback loop of the Channel B dc-to-dc converter. Alternatively, if using an external compensation resistor,
place a resistor in series with a capacitor to ground from this pin (see the DC-to-DC Converter Compensation
Capacitors and the AICC Supply Requirements—Slewing sections in the Device Features section for more
information).
33
IOUT_B
Current Output Pin for DAC Channel B.
34
VBOOST_B
Supply for Channel B Current Output Stage (see Figure 72). This is also the supply for the VOUT_x stage, which is
regulated to 15 V by the dc-to-dc converter. To use the dc-to-dc feature of the device, connect as shown in
Figure 78.
35
AGND
Ground Reference Point for Analog Circuitry. This must be connected to 0 V.
36
SWB
Switching Output for Channel B DC-to-DC Circuitry. To use the dc-to-dc feature of the device, connect as shown
in Figure 78.
37
GNDSWB
Ground Connection for DC-to-DC Switching Circuit. This pin should always be connected to ground.
38
GNDSWA
Ground Connection for DC-to-DC Switching Circuit. This pin should always be connected to ground.
39
SWA
Switching Output for Channel A DC-to-DC Circuitry. To use the dc-to-dc feature of the device, connect as shown
in Figure 78.
40
AVSS
Negative Analog Supply Pin. The voltage range is from −10.8 V to −26.4 V. This pin can be connected to 0 V if
using the device in unipolar supply mode.
41
SWD
Switching Output for Channel D DC-to-DC Circuitry. To use the dc-to-dc feature of the device, connect as shown
in Figure 78.
42
GNDSWD
Ground Connections for DC-to-DC Switching Circuit. This pin should always be connected to ground.
43
GNDSWC
Ground Connections for DC-to-DC Switching Circuit. This pin should always be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com