Electronic Components Datasheet Search
  English  ▼

X  

LR38630 Datasheet(PDF) 8 Page - Sharp Corporation

Part # LR38630
Description  Digital Signal Processor for CIF CMOS Image Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38630 Datasheet(HTML) 8 Page - Sharp Corporation

Back Button LR38630 Datasheet HTML 4Page - Sharp Corporation LR38630 Datasheet HTML 5Page - Sharp Corporation LR38630 Datasheet HTML 6Page - Sharp Corporation LR38630 Datasheet HTML 7Page - Sharp Corporation LR38630 Datasheet HTML 8Page - Sharp Corporation LR38630 Datasheet HTML 9Page - Sharp Corporation LR38630 Datasheet HTML 10Page - Sharp Corporation LR38630 Datasheet HTML 11Page - Sharp Corporation LR38630 Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LR38630
ADDRESS
NAME
BITS
FUNCTION
Option of output mode.
00 : QCIF1
01 : CIF
10 : QVGA
11 : QCIF2
OUT_SEL
04h
2
(7)
(6)
4
(3)
(2)
(1)
(0)
ACT_MODE
0000 : CIF image output with CKI clock of CMOS image sensor
0001 : 1 frame of image output per second with CKI clock
0010 : 2 frames of image output per second with CKI clock
0011 : 15 frames of image output per second with CKI clock
0101 : 1 frame of image output per second with EXCK clock
(1 frame data is written to RAM in vertical blanking.)
0110 : 2 frames of image output per second with EXCK clock
(2 frames data are written to RAM in vertical blanking.)
0111 : Image output with EXMCK clock
(EXMCK should be lower than 4.5 MHz.)
1XXX : Except 0000, works with 30 frames after power-on.
(example) 1001 : 1 frame of image output per second with CKI starting
with 30 frames after power-on.
1000 : Prohibited to use
Clock timing for input.
00 : Delayed by one CK
01 : Delayed by two CK
10 : Not delayed
IN_TIM
2
(5)
(4)
Setting a period to work with 30 frames after power-on.
A period = (Data + 1) x frame rate
ACT_TIM
8
05h
09h
8
REF_BLC
Exposure reference level in BLC (valid with BLC of address 03h = 1).
08h
8
CTLD_02
The first target area of electronic exposure control.
If exposure control data is over (data of address 06h ± data of address 08h), the
exposure control is restarted.
07h
8
CTLD_01
The second target area of electronic exposure control.
In the case that exposure control data is within (data of address 06h ± data of
address 07h), the exposure control is completed.
06h
8
REF_IRIS
Electronic exposure reference level.
The first target area of electronic exposure control in BLC.
If exposure control data is over (data of address 09h ± data of address 0Bh), the
exposure control is restarted.
CTLD_12
8
0Bh
The second target area of electronic exposure control in BLC.
In the case that exposure control data is within (data of address 09h ± data of
address 0Ah), the exposure control is completed.
CTLD_11
8
0Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com