Electronic Components Datasheet Search
  English  ▼

X  

LR38630 Datasheet(PDF) 11 Page - Sharp Corporation

Part # LR38630
Description  Digital Signal Processor for CIF CMOS Image Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38630 Datasheet(HTML) 11 Page - Sharp Corporation

Back Button LR38630 Datasheet HTML 7Page - Sharp Corporation LR38630 Datasheet HTML 8Page - Sharp Corporation LR38630 Datasheet HTML 9Page - Sharp Corporation LR38630 Datasheet HTML 10Page - Sharp Corporation LR38630 Datasheet HTML 11Page - Sharp Corporation LR38630 Datasheet HTML 12Page - Sharp Corporation LR38630 Datasheet HTML 13Page - Sharp Corporation LR38630 Datasheet HTML 14Page - Sharp Corporation LR38630 Datasheet HTML 15Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LR38630
11
ADDRESS
NAME
BITS
FUNCTION
2Ch
8
GAM_SLOPE2
Gamma curve setting : Third straight line slope
2Bh
8
GAM_SLOPE1
Gamma curve setting : Second straight line slope
2Ah
8
GAM_SLOPE0
Gamma curve setting : First straight line slope
Gamma curve setting : Tenth straight line slope
GAM_SLOPE9
8
33h
Gamma curve setting : Ninth straight line slope
GAM_SLOPE8
8
32h
Gamma curve setting : Eighth straight line slope
GAM_SLOPE7
8
31h
Gamma curve setting : Seventh straight line slope
GAM_SLOPE6
8
30h
Gamma curve setting : Sixth straight line slope
GAM_SLOPE5
8
2Fh
Gamma curve setting : Fifth straight line slope
GAM_SLOPE4
8
2Eh
Gamma curve setting : Fourth straight line slope
GAM_SLOPE3
8
2Dh
3Bh
8
GAM_OFSET8
Gamma curve setting : Ninth straight line offset
3Ah
8
GAM_OFSET7
Gamma curve setting : Eighth straight line offset
39h
8
GAM_OFSET6
Gamma curve setting : Seventh straight line offset
38h
8
GAM_OFSET5
Gamma curve setting : Sixth straight line offset
37h
8
GAM_OFSET4
Gamma curve setting : Fifth straight line offset
36h
8
GAM_OFSET3
Gamma curve setting : Fourth straight line offset
35h
8
GAM_OFSET2
Gamma curve setting : Third straight line offset
34h
8
GAM_OFSET1
Gamma curve setting : Second straight line offset
Horizontal aperture gain.
KHGA
8
43h
Horizontal aperture level compression in lower luminance level.
KHC
6
42h
Gain in middle frequency components of luminance signal.
KY1
8
41h
Carrier balance : Green signal compensation in BG line
KCBG2
8
40h
Carrier balance : Green signal compensation in RG line
KCBG1
8
3Fh
Carrier balance : Blue signal compensation
KCBB
8
3Eh
Carrier balance : Red signal compensation
KCBR
8
3Dh
Gamma curve setting : Tenth straight line offset
GAM_OFSET9
8
3Ch
49h
8
K1_MAT1
AWB color matrix : R – Y 2
48h
8
K0_MAT1
AWB color matrix : R – Y 1
47h
6
KSU
Set up level.
46h
8
KLL
Luminance level.
45h
8
KVGA
Vertical aperture gain.
44h
6
KVC
Vertical aperture level compression in lower luminance level.
AWB color matrix : B – Y 1
K2_MAT1
8
4Ah
4Bh
8
K3_MAT1
AWB color matrix : B – Y 2
WB1 color matrix : R – Y 2
K1_MAT2
8
4Dh
52h
8
K2_MAT3
WB2 color matrix : B – Y 1
51h
8
K1_MAT3
WB2 color matrix : R – Y 2
50h
8
K0_MAT3
WB2 color matrix : R – Y 1
4Fh
8
K3_MAT2
WB1 color matrix : B – Y 2
4Eh
8
K2_MAT2
WB1 color matrix : B – Y 1
WB1 color matrix : R – Y 1
K0_MAT2
8
4Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com