Electronic Components Datasheet Search
  English  ▼

X  

LR38630 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LR38630
Description  Digital Signal Processor for CIF CMOS Image Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38630 Datasheet(HTML) 1 Page - Sharp Corporation

  LR38630 Datasheet HTML 1Page - Sharp Corporation LR38630 Datasheet HTML 2Page - Sharp Corporation LR38630 Datasheet HTML 3Page - Sharp Corporation LR38630 Datasheet HTML 4Page - Sharp Corporation LR38630 Datasheet HTML 5Page - Sharp Corporation LR38630 Datasheet HTML 6Page - Sharp Corporation LR38630 Datasheet HTML 7Page - Sharp Corporation LR38630 Datasheet HTML 8Page - Sharp Corporation LR38630 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DESCRIPTION
The LR38630 is a CMOS digital signal processor
for color camera systems of 110 k-pixel CMOS
image sensor with primary color mosaic filters. The
camera system consists of CIF CMOS image
sensor (LZ34C10) and DSP IC (LR38630) with 2 k-
bit EEPROM. Depending on application, 1 M-bit
SRAM can be added in order to get slower frame
rate at video output.
FEATURES
• Designed for 110 k-pixel color CMOS image
sensors with R, G, and B color mosaic filters
• Compatible with CIF standard
• External control interface input/output
• Variable GAMMA and KNEE response
• 8-bit digital input
• Available for digital video 4 : 2 : 2 (U/Y/V/Y)
output
• Built-in synchronous signal generation circuit to
drive CMOS image sensor
• Built-in 2 k-bit EEPROM controller to set the
camera adjustment data
• Built-in auto exposure control
• Built-in auto white balance control
• Built-in auto carrier balance control
• Built-in white blemish compensator
• Lower power consumption by dual clocking signal
process technology
• Single +3.0 V power supply
• Package :
80-pin LQFP (LQFP080-P-1212) 0.5 mm pin-pitch
LR38630
LR38630
Digital Signal Processor for
CIF CMOS Image Cameras
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in
catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1


Similar Part No. - LR38630

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38637 SHARP-LR38637 Datasheet
105Kb / 15P
Digital Signal Processor For VGA/CIF CMOS Image Sensors
More results

Similar Description - LR38630

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8110G PHILIPS-SAA8110G Datasheet
232Kb / 36P
Digital Signal Processor DSP for cameras
1997 Jun 13
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
Burr-Brown (TI)
VSP2230 BURR-BROWN-VSP2230 Datasheet
225Kb / 18P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
Sharp Corporation
LR38637 SHARP-LR38637 Datasheet
105Kb / 15P
Digital Signal Processor For VGA/CIF CMOS Image Sensors
logo
Texas Instruments
VSP2230 TI1-VSP2230_14 Datasheet
1Mb / 4P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2232 TI1-VSP2232_16 Datasheet
497Kb / 4P
CCD SIGNAL PROCESSOR For Digital Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com