Electronic Components Datasheet Search
  English  ▼

X  

LR38630 Datasheet(PDF) 17 Page - Sharp Corporation

Part # LR38630
Description  Digital Signal Processor for CIF CMOS Image Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38630 Datasheet(HTML) 17 Page - Sharp Corporation

Back Button LR38630 Datasheet HTML 12Page - Sharp Corporation LR38630 Datasheet HTML 13Page - Sharp Corporation LR38630 Datasheet HTML 14Page - Sharp Corporation LR38630 Datasheet HTML 15Page - Sharp Corporation LR38630 Datasheet HTML 16Page - Sharp Corporation LR38630 Datasheet HTML 17Page - Sharp Corporation LR38630 Datasheet HTML 18Page - Sharp Corporation LR38630 Datasheet HTML 19Page - Sharp Corporation LR38630 Datasheet HTML 20Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LR38630
17
ADDRESS
DATA
00h
–
ADDRESS
DATA
20h
05
ADDRESS
DATA
40h
00
ADDRESS
DATA
60h
10
–
6Eh
39
4Eh
18
2Eh
E7
0Eh
–
6Dh
F9
4Dh
18
2Dh
00
0Dh
–
6Ch
2D
4Ch
20
2Ch
00
0Ch
–
6Bh
ED
4Bh
18
2Bh
08
0Bh
00
6Ah
39
4Ah
14
2Ah
04
0Ah
23
69h
F9
49h
40
29h
3A
09h
14
68h
2D
48h
40
28h
06
08h
0B
67h
00
47h
40
27h
03
07h
06
66h
80
46h
40
26h
30
06h
20
65h
00
45h
10
25h
00
05h
04
64h
04
44h
FE
24h
00
04h
E0
63h
00
43h
10
23h
00
03h
04
62h
04
42h
FE
22h
10
02h
E0
61h
40
41h
05
21h
–
01h
1Fh
02
3Fh
00
5Fh
08
7Fh
1Eh
02
3Eh
00
5Eh
F0
7Eh
1Dh
02
3Dh
00
5Dh
00
7Dh
1Ch
02
3Ch
DE
5Ch
00
7Ch
1Bh
FE
3Bh
B4
5Bh
04
7Bh
1Ah
04
3Ah
78
5Ah
04
7Ah
19h
40
39h
5A
59h
40
79h
18h
40
38h
48
58h
40
78h
17h
80
37h
3C
57h
40
77h
16h
80
36h
30
56h
40
76h
15h
C0
35h
20
55h
40
75h
14h
55
34h
14
54h
40
74h
13h
9A
33h
07
53h
ED
73h
12h
6B
32h
0E
52h
39
72h
11h
00
31h
0F
51h
F9
71h
10h
80
30h
0F
50h
2D
70h
–
0Fh
00
2Fh
12
4Fh
ED
6Fh
00
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
Default Data Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com