Electronic Components Datasheet Search
  English  ▼

X  

LR38630 Datasheet(PDF) 18 Page - Sharp Corporation

Part # LR38630
Description  Digital Signal Processor for CIF CMOS Image Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38630 Datasheet(HTML) 18 Page - Sharp Corporation

Back Button LR38630 Datasheet HTML 12Page - Sharp Corporation LR38630 Datasheet HTML 13Page - Sharp Corporation LR38630 Datasheet HTML 14Page - Sharp Corporation LR38630 Datasheet HTML 15Page - Sharp Corporation LR38630 Datasheet HTML 16Page - Sharp Corporation LR38630 Datasheet HTML 17Page - Sharp Corporation LR38630 Datasheet HTML 18Page - Sharp Corporation LR38630 Datasheet HTML 19Page - Sharp Corporation LR38630 Datasheet HTML 20Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LR38630
18
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
Power supply voltage
VDD
Input voltage
VI
Output voltage
VO
ELECTRICAL CHARACTERISTICS
(VDD = 3.0±0.3 V, TOPR = –20 to +70 ˚C)
Storage temperature
TSTG
–55 to +150
–0.3 to VDD + 0.3
–0.3 to VDD + 0.3
–0.3 to +4.3
RATING
UNIT
V
V
V
˚C
PARAMETER
SYMBOL
Power supply voltage
VDD
Operating temperature
TOPR
Input clock frequency
fCK
–20
2.7
MIN.
UNIT
V
˚C
MHz
TYP.
MAX.
3.0
3.3
+25
+70
9.0
Input "Low" voltage
VIL
Input "High" voltage
VIH
Input "Low" current
|IIL1|
|IIH1|
Input "Low" current
|IIL2|
Input "High" current
|IIH2|
Output "High" voltage
VOH
PARAMETER
SYMBOL
CONDITIONS
Input "High" current
VOL
Output "Low" voltage
MIN.
0.8VDD
0.8VDD
40
100
TYP.
MAX.
1.0
1.0
0.2VDD
0.2VDD
2.0
300
VI = 0 V
VIN = VDD
VIN = 0 V
IOH = –4 mA
IOL = 4 mA
VIN = VDD
µA
µA
V
V
V
V
µA
µA
UNIT
NOTE
2
1
4
3
NOTES :
1. Applied to input (IC) and inputs/outputs (IO4M, IO4MU).
2. Applied to input (IC) and input/output (IO4M).
3. Applied to input/output (IO4MU).
4. Applied to output (OBF4M) and inputs/outputs (IO4M, IO4MU).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com