Electronic Components Datasheet Search
  English  ▼

X  

LR38630 Datasheet(PDF) 9 Page - Sharp Corporation

Part # LR38630
Description  Digital Signal Processor for CIF CMOS Image Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38630 Datasheet(HTML) 9 Page - Sharp Corporation

Back Button LR38630 Datasheet HTML 5Page - Sharp Corporation LR38630 Datasheet HTML 6Page - Sharp Corporation LR38630 Datasheet HTML 7Page - Sharp Corporation LR38630 Datasheet HTML 8Page - Sharp Corporation LR38630 Datasheet HTML 9Page - Sharp Corporation LR38630 Datasheet HTML 10Page - Sharp Corporation LR38630 Datasheet HTML 11Page - Sharp Corporation LR38630 Datasheet HTML 12Page - Sharp Corporation LR38630 Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LR38630
9
ADDRESS
NAME
BITS
FUNCTION
Option of maximum electronic shutter speed in automatic.
Electronic exposure control.
00 : 1/9 900 s
01 : 1/4 950 s
10 : 1/1 980 s
11 : 1/1 100 s
SH_MAX
0Ch
2
(7)
(6)
2
(3)
(2)
EE_RATIO
Window option of automatic electronic exposure control.
00 : Center weighted 1
01 : Center weighted 2
10 : No window
11 : Lower-position weighted
Option of electronic shutter speed and AGC speed change.
00 : Shutter speed is changed by 10-19 pitches.
01 : Shutter speed is changed by 8-10 pitches.
1X : Shutter speed is changed by 1 pitch (the finest)
EE_SPD
2
(5)
(4)
Option of time constant in electronic exposure control.
00 : Longer time constant 01 : Long time constant
1X : No time constant
EE_LPF
2
(1)
(0)
1
SH_HOLD2
MSB of fixed electronic shutter speed.
0Dh
0Fh
Preset gain in making AGC OFF (EE_HOLD = 1X at address 03h).
AGC_HOLD
8
0Eh
Lower bits of fixed electronic shutter speed.
Data between 000 and 149 can be set by address 0Dh and 0Eh.
SH_HOLD1
8
8
OFSET_HOLD
Fixed optical black level (OFSET_AUTO =1 at address 03h).
10h
Time constant option of automatic optical black level control.
00 : Longer time constant
01 : Long time constant
1X : No time constant
OFSET_LPF
2
(4)
(3)
2
(1)
(0)
SEL_LPF
Time constant option of automatic white balance control.
00 : Longer time constant
01 : Long time constant
1X : No time constant
1
(2)
WBFIX1
Option of automatic white balance control.
0 : Not accelerated 1 : Accelerated
11h
The first target area of automatic white balance control in minus direction of high-
speed mode.
In the case that white balance control data is within (data of address 12h + data of
address 13h), high-speed mode control is completed and then changed to normal-
speed control mode.
KGBGR1
8
12h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com