Electronic Components Datasheet Search
  English  ▼

X  

LR38630 Datasheet(PDF) 10 Page - Sharp Corporation

Part # LR38630
Description  Digital Signal Processor for CIF CMOS Image Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38630 Datasheet(HTML) 10 Page - Sharp Corporation

Back Button LR38630 Datasheet HTML 6Page - Sharp Corporation LR38630 Datasheet HTML 7Page - Sharp Corporation LR38630 Datasheet HTML 8Page - Sharp Corporation LR38630 Datasheet HTML 9Page - Sharp Corporation LR38630 Datasheet HTML 10Page - Sharp Corporation LR38630 Datasheet HTML 11Page - Sharp Corporation LR38630 Datasheet HTML 12Page - Sharp Corporation LR38630 Datasheet HTML 13Page - Sharp Corporation LR38630 Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LR38630
10
ADDRESS
NAME
BITS
FUNCTION
The first target area of automatic white balance control in plus direction of high-
speed mode.
In the case that white balance control data is within (data of address 12h + data of
address 13h), high-speed mode control is completed and then changed to normal-
speed control mode.
KGBGR2
8
13h
16h
8
LIMIM
Limitation in making white balance data at minus I-axis.
15h
8
KGBGR4
The second target area of automatic white balance control in plus direction of high-
speed mode.
In the case that white balance control data is over (data of address 14h + data of
address 15h), high-speed mode control is restarted.
14h
8
KGBGR3
The second target area of automatic white balance control in minus direction of
high-speed mode.
In the case that white balance control data is over (data of address 14h + data of
address 15h), high-speed mode control is restarted.
Limitation in making white balance data at plus Q-axis.
LIMQP
8
19h
Limitation in making white balance data at minus Q-axis.
LIMQM
8
18h
Limitation in making white balance data at plus I-axis.
LIMIP
8
17h
1Bh
8
YHCL
Limitation in making white balance data. A pixel with higher luminance level than
data of this address is neglected.
1Ah
8
YLCL
Limitation in making white balance data. A pixel with lower luminance level than
data of this address is neglected.
The first target area of auto white balance control in plus I-axis.
LIMWIIP
7
1Dh
The first target area of auto white balance control in minus I-axis. In the case that
white balance control data is within the area by address 1Ch, 1Dh, 1Eh and 1Fh,
automatic white balance control is completed.
LIMWIIM
7
1Ch
1Fh
7
LIMWIQP
The first target area of auto white balance control in plus Q-axis.
1Eh
7
LIMWIQM
The first target area of auto white balance control in minus Q-axis.
20h
7
LIMWOI
The second target area of auto white balance control in I-axis. In the case that
white balance control data is over the area by address 20h and 21h, automatic
white balance control is restarted.
The second target area of auto white balance control in Q-axis. In the case that
white balance control data is over the area by address 20h and 21h, automatic
white balance control is restarted.
LIMWOQ
7
21h
Maximum gain of red signal in automatic white balance control.
WBR_MAX
8
22h
29h
8
WBB2
White balance preset 2 : Blue signal gain
28h
8
WBR2
White balance preset 2 : Red signal gain
27h
8
WBB1
White balance preset 1 : Blue signal gain
26h
8
WBR1
White balance preset 1 : Red signal gain
25h
8
WBB_MIN
Minimum gain of blue signal in automatic white balance control.
24h
8
WBB_MAX
Maximum gain of blue signal in automatic white balance control.
23h
8
WBR_MIN
Minimum gain of red signal in automatic white balance control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com