Electronic Components Datasheet Search
  English  ▼

X  

LR38630 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LR38630
Description  Digital Signal Processor for CIF CMOS Image Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38630 Datasheet(HTML) 4 Page - Sharp Corporation

  LR38630 Datasheet HTML 1Page - Sharp Corporation LR38630 Datasheet HTML 2Page - Sharp Corporation LR38630 Datasheet HTML 3Page - Sharp Corporation LR38630 Datasheet HTML 4Page - Sharp Corporation LR38630 Datasheet HTML 5Page - Sharp Corporation LR38630 Datasheet HTML 6Page - Sharp Corporation LR38630 Datasheet HTML 7Page - Sharp Corporation LR38630 Datasheet HTML 8Page - Sharp Corporation LR38630 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LR38630
PIN DESCRIPTION
PIN NO. SYMBOL
I/O
POLARITY
DESCRIPTION
1
ACL
IC
Initializing input.
2
CKI
IC
Clock input. Connect to pin 14 of LZ34C10.
Digital signal input, fed from pin 19 of LZ34C10.
IC
AD3
9
Digital signal input, fed from pin 20 of LZ34C10.
IC
AD4
8
Digital signal input, fed from pin 21 of LZ34C10.
IC
AD5
7
Digital signal input, fed from pin 22 of LZ34C10.
IC
AD6
6
Digital signal input, fed from pin 23 of LZ34C10 (MSB).
IC
AD7
5
Supply of +3.0 V power.
–
VDD
4
A grounding pin.
–
GND
3
12
AD0
IC
Digital signal input, fed from pin 16 of LZ34C10 (LSB).
11
AD1
IC
Digital signal input, fed from pin 17 of LZ34C10.
10
AD2
IC
Digital signal input, fed from pin 18 of LZ34C10.
Clock output of serial data, connected to pin 28 of LZ34C10.
OBF4M
SCLK
17
Pin to set MSB to be added on serial address data.
Low : MSB = 0 (address 00h-7Fh),
High : MSB = 1 (address 80h-FFh)
IC
ADDSEL
16
A test pin. Connect to GND.
IC
TST3
15
Supply of +3.0 V power.
–
VDD
14
A grounding pin.
–
GND
13
18
SDI
OBF4M
Serial data output, connected to pin 27 of LZ34C10.
Vertical drive pulse output, connected to pin 26 of LZ34C10.
OBF4M
CVD
20
Horizontal drive pulse output, connected to pin 25 of LZ34C10.
OBF4M
CHD
19
21
ADD16
OBF4M
Address output to drive an external SRAM.
A grounding pin.
–
GND
24
Address output to drive an external SRAM.
OBF4M
ADD14
23
Address output to drive an external SRAM.
OBF4M
ADD15
22
28
ADD11
OBF4M
Address output to drive an external SRAM.
27
ADD12
OBF4M
Address output to drive an external SRAM.
26
ADD13
OBF4M
Address output to drive an external SRAM.
25
VDD
–
Supply of +3.0 V power.
Address output to drive an external SRAM.
IO4M
ADD7
32
Address output to drive an external SRAM.
IO4M
ADD8
31
Address output to drive an external SRAM.
IO4M
ADD9
30
Address output to drive an external SRAM.
IO4M
ADD10
29
35
ADD5
IO4M
Address output to drive an external SRAM.
34
GND
–
A grounding pin.
33
ADD6
IO4M
Address output to drive an external SRAM.
36
ADD4
IO4M
Address output to drive an external SRAM.
Address output to drive an external SRAM.
IO4M
ADD1
39
Address output to drive an external SRAM.
IO4M
ADD2
38
Address output to drive an external SRAM.
IO4M
ADD3
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com