Electronic Components Datasheet Search
  English  ▼

X  

LR38630 Datasheet(PDF) 7 Page - Sharp Corporation

Part # LR38630
Description  Digital Signal Processor for CIF CMOS Image Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38630 Datasheet(HTML) 7 Page - Sharp Corporation

Back Button LR38630 Datasheet HTML 3Page - Sharp Corporation LR38630 Datasheet HTML 4Page - Sharp Corporation LR38630 Datasheet HTML 5Page - Sharp Corporation LR38630 Datasheet HTML 6Page - Sharp Corporation LR38630 Datasheet HTML 7Page - Sharp Corporation LR38630 Datasheet HTML 8Page - Sharp Corporation LR38630 Datasheet HTML 9Page - Sharp Corporation LR38630 Datasheet HTML 10Page - Sharp Corporation LR38630 Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LR38630
7
INTERNAL COEFFICIENT TABLE
ADDRESS
NAME
BITS
FUNCTION
–
00h
–
Not used.
Option of the output image type.
00 : Normal
01 : Inverted top and bottom
10 : Reversed left and right
11 : Reversed all
MOS_MIR
02h
2
(7)
(6)
Not used.
–
01h
–
1
(0)
MOS_STD
Under low level at pin 71, this bit can make CMOS image sensor standby.
0 : Operating
1 : Standby
3
(3)
(2)
(1)
MOS_AGC
Option of AGC offset gain.
000 : 3 dB
001 : 4 dB
010 : 5 dB
011 : 6 dB
100 : 7 dB
101 : 8 dB
110 : 9 dB
111 : 10 dB
Option of AD converter clock phase.
00 : Reference
01 : Delayed by 90˚
10 : Delayed by 180˚
11 : Delayed by 270˚
MOS_SAD
2
(5)
(4)
Option of electronic exposure mode.
00 : Automatic electronic shutter speed and AGC ON
01 : Fixed electronic shutter speed and AGC ON
10 : Automatic electronic shutter speed and AGC OFF
11 : Fixed electronic shutter speed and AGC OFF
EE_HOLD
2
(2)
(1)
Option of white balance mode.
00 : Automatic
01 : Preset WB1
1X : Preset WB2
WB_MODE
2
(4)
(3)
Option of exposure level reference.
0 : Data of address 06h
1 : Data of address 09h
BLC
1
(5)
Option of sampling position in QCIF.
0 : Red filter
1 : Green filter
QCIF_SEL
1
(7)
1
(6)
CA_HOLD
Carrier balance function.
0 : Automatic added an offset (coefficient)
1 : 0h added an offset (coefficient)
03h
1
(0)
OFSET_AUTO
Option of optical black level control.
0 : Automatic
1 : Fixed level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com