Electronic Components Datasheet Search
  English  ▼

X  

LR38630 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LR38630
Description  Digital Signal Processor for CIF CMOS Image Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38630 Datasheet(HTML) 5 Page - Sharp Corporation

  LR38630 Datasheet HTML 1Page - Sharp Corporation LR38630 Datasheet HTML 2Page - Sharp Corporation LR38630 Datasheet HTML 3Page - Sharp Corporation LR38630 Datasheet HTML 4Page - Sharp Corporation LR38630 Datasheet HTML 5Page - Sharp Corporation LR38630 Datasheet HTML 6Page - Sharp Corporation LR38630 Datasheet HTML 7Page - Sharp Corporation LR38630 Datasheet HTML 8Page - Sharp Corporation LR38630 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LR38630
5
PIN NO. SYMBOL
I/O
POLARITY
DESCRIPTION
Write enable to drive an external SRAM.
OBF4M
WE
44
Output enable to drive an external SRAM.
OBF4M
OE
43
A test pin. Connected to GND.
IC
TST2
42
A test pin. Connected to GND.
IC
TST1
41
Address output to drive an external SRAM.
IO4M
ADD0
40
52
MDIO0
IO4MU
Address output to drive an external SRAM.
51
MDIO1
IO4MU
Address output to drive an external SRAM.
50
IO4MU
Address output to drive an external SRAM.
49
MDIO3
IO4MU
Address output to drive an external SRAM.
48
MDIO4
IO4MU
Address output to drive an external SRAM.
47
MDIO5
IO4MU
Address output to drive an external SRAM.
46
MDIO6
IO4MU
Address output to drive an external SRAM.
45
MDIO7
IO4MU
Address output to drive an external SRAM.
MDIO2
Data input/output to drive an external SRAM.
OBF4M
DATA7
57
Clock output for digital video output signal.
OBF4M
RCLK
56
Supply of +3.0 V power.
–
VDD
55
A grounding pin.
–
GND
54
External clock input.
IC
EXMCK
53
63
DATA1
OBF4M
Data input/output to drive an external SRAM.
62
DATA2
OBF4M
Data input/output to drive an external SRAM.
61
DATA3
OBF4M
Data input/output to drive an external SRAM.
60
DATA4
OBF4M
Data input/output to drive an external SRAM.
59
DATA5
OBF4M
Data input/output to drive an external SRAM.
58
DATA6
OBF4M
Data input/output to drive an external SRAM.
High level puts this IC and LZ34C10 in standby mode.
IC
STANDBY
71
Clock input to set the data.
IC
CTLDCK
70
The rising edge enables the serial data to be available.
IC
CTLDEN
69
Serial data input.
OBF4M
CTLDOUT
68
Serial data input.
IC
CTLDIN
67
Supply of +3.0 V power.
–
VDD
66
A grounding pin.
–
GND
65
Data input/output to drive an external SRAM.
OBF4M
DATA0
64
73
OLSTEN OBF4M
Horizontal pulse output going to low level when starting in horizontal.
72
HREF
OBF4M
Horizontal blanking pulse output keeping high level during the effective image
period.
74
VS
OBF4M
Vertical blanking pulse output keeping high level during the effective image
period.
Supply of +3.0 V power.
–
VDD
76
A grounding pin.
–
GND
75
77
EEPDA
IO4M
Data input/output to/from EEPROM.
Going to high-impedance with high level of pin 80.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com