Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1850 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 18Page - NXP Semiconductors LPC1850 Datasheet HTML 19Page - NXP Semiconductors LPC1850 Datasheet HTML 20Page - NXP Semiconductors LPC1850 Datasheet HTML 21Page - NXP Semiconductors LPC1850 Datasheet HTML 22Page - NXP Semiconductors LPC1850 Datasheet HTML 23Page - NXP Semiconductors LPC1850 Datasheet HTML 24Page - NXP Semiconductors LPC1850 Datasheet HTML 25Page - NXP Semiconductors LPC1850 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 142 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2.2 — 9 September 2011
22 of 142
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
P4_2
D3
x
-
x
8
-
[3]
I; PU I/O
GPIO2[2] — General purpose digital input/output pin.
O
CTOUT_0 — SCT output 0. Match output 0 of timer 0.
O
LCD_VD3 — LCD data.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD12 — LCD data.
I
U3_RXD — Receiver input for USART3.
-
R — Function reserved.
P4_3
C2
x
-
x
7
-
[6]
I; PU I/O
GPIO2[3] — General purpose digital input/output pin.
O
CTOUT_3 — SCT output 0. Match output 3 of timer 0.
O
LCD_VD2 — LCD data.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD21 — LCD data.
I/O
U3_BAUD — <tbd> for USART3.
-
R — Function reserved.
I
ADC0_0 — ADC0, input channel 0.
P4_4
B1
x
-
x
9
-
[6]
I; PU I/O
GPIO2[4] — General purpose digital input/output pin.
O
CTOUT_2 — SCT output 2. Match output 2 of timer 0.
O
LCD_VD1 — LCD data.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD20 — LCD data.
I/O
U3_DIR — RS-485/EIA-485 output enable/direction
control for USART3.
-
R — Function reserved.
O
DAC — DAC output.
P4_5
D2
x
-
x
10
-
[3]
I; PU I/O
GPIO2[5] — General purpose digital input/output pin.
O
CTOUT_5 — SCT output 5. Match output 1 of timer 1.
O
LCD_FP — Frame pulse (STN). Vertical
synchronization pulse (TFT).
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com