Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1850 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 53Page - NXP Semiconductors LPC1850 Datasheet HTML 54Page - NXP Semiconductors LPC1850 Datasheet HTML 55Page - NXP Semiconductors LPC1850 Datasheet HTML 56Page - NXP Semiconductors LPC1850 Datasheet HTML 57Page - NXP Semiconductors LPC1850 Datasheet HTML 58Page - NXP Semiconductors LPC1850 Datasheet HTML 59Page - NXP Semiconductors LPC1850 Datasheet HTML 60Page - NXP Semiconductors LPC1850 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 142 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2.2 — 9 September 2011
57 of 142
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
Reset and wake-up pins
RESET
D9
x
B6
x
128
91
[11]
I; IA
I
External reset input: A LOW on this pin resets the
device, causing I/O ports and peripherals to take on
their default states, and processor execution to begin
at address 0.
WAKEUP0
A9
x
A4
x
130
93
[11]
I; IA
I
External wake-up input; can raise an interrupt and can
cause wake-up from any of the low power modes.
WAKEUP1
A10
x
-
-
-
-
[11]
I; IA
I
External wake-up input; can raise an interrupt and can
cause wake-up from any of the low power modes.
WAKEUP2
C9
x
-
-
-
-
[11]
I; IA
I
External wake-up input; can raise an interrupt and can
cause wake-up from any of the low power modes.
WAKEUP3
D8
x
-
-
-
-
[11]
I; IA
I
External wake-up input; can raise an interrupt and can
cause wake-up from any of the low power modes.
ADC pins
ADC0_0/
ADC1_0/DAC
E3
x
A2
x
6
4
[8]
I; IA
I
ADC input channel 0. Shared between 10-bit ADC0/1
and DAC.
ADC0_1/
ADC1_1
C3
x
A1
x
2
1
[8]
I; IA
I
ADC input channel 1. Shared between 10-bit ADC0/1.
ADC0_2/
ADC1_2
A4
x
B3
x
143
99
[8]
I; IA
I
ADC input channel 2. Shared between 10-bit ADC0/1.
ADC0_3/
ADC1_3
B5
x
A3
x
139
96
[8]
I; IA
I
ADC input channel 3. Shared between 10-bit ADC0/1.
ADC0_4/
ADC1_4
C6
x
-
x
138
-
[8]
I; IA
I
ADC input channel 4. Shared between 10-bit ADC0/1.
ADC0_5/
ADC1_5
B3
x
-
x
144
-
[8]
I; IA
I
ADC input channel 5. Shared between 10-bit ADC0/1.
ADC0_6/
ADC1_6
A5
x
-
x
142
-
[8]
I; IA
I
ADC input channel 6. Shared between 10-bit ADC0/1.
ADC0_7/
ADC1_7
C5
x
-
x
136
-
[8]
I; IA
I
ADC input channel 7. Shared between 10-bit ADC0/1.
RTC
RTC_ALARM
A11
x
C3
x
129
92
[11]
-
O
RTC controlled output.
RTCX1
A8
x
A5
x
125
88
[8]
-
I
Input to the RTC 32 kHz ultra-low power oscillator
circuit.
RTCX2
B8
x
B5
x
126
89
[8]
-
O
Output from the RTC 32 kHz ultra-low power oscillator
circuit.
Crystal oscillator pins
XTAL1
D1
x
B1
x
12
5
[8]
-
I
Input to the oscillator circuit and internal clock
generator circuits.
XTAL2
E1
x
C1
x
13
6
[8]
-
O
Output from the oscillator amplifier.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com