Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1850 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 19Page - NXP Semiconductors LPC1850 Datasheet HTML 20Page - NXP Semiconductors LPC1850 Datasheet HTML 21Page - NXP Semiconductors LPC1850 Datasheet HTML 22Page - NXP Semiconductors LPC1850 Datasheet HTML 23Page - NXP Semiconductors LPC1850 Datasheet HTML 24Page - NXP Semiconductors LPC1850 Datasheet HTML 25Page - NXP Semiconductors LPC1850 Datasheet HTML 26Page - NXP Semiconductors LPC1850 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 142 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2.2 — 9 September 2011
23 of 142
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
P4_6
C1
x
-
x
11
-
[3]
I; PU I/O
GPIO2[6] — General purpose digital input/output pin.
O
CTOUT_4 — SCT output 4. Match output 0 of timer 1.
O
LCD_ENAB/LCDM — STN AC bias drive or TFT data
enable input.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
P4_7
H4
x
-
x
14
-
[3]
<tbd
>
O
LCD_DCLK — LCD panel clock.
I
GP_CLKIN — General purpose clock input to the
CGU.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
I/O
I2S1_TX_SCK — Receive Clock. It is driven by the
master and received by the slave. Corresponds to the
signal SCK in the I2S-bus specification.
I/O
I2S0_TX_SCK — Receive Clock. It is driven by the
master and received by the slave. Corresponds to the
signal SCK in the I2S-bus specification.
P4_8
E2
x
-
x
15
-
[3]
I; PU -
R — Function reserved.
I
CTIN_5 — SCT input 5. Capture input 2 of timer 2.
O
LCD_VD9 — LCD data.
-
R — Function reserved.
I/O
GPIO5[12] — General purpose digital input/output pin.
O
LCD_VD22 — LCD data.
O
CAN1_TD — CAN1 transmitter output.
-
R — Function reserved.
P4_9
L2
x
-
x
33
-
[3]
I; PU -
R — Function reserved.
I
CTIN_6 — SCT input 6. Capture input 1 of timer 3.
O
LCD_VD11 — LCD data.
-
R — Function reserved.
I/O
GPIO5[13] — General purpose digital input/output pin.
O
LCD_VD15 — LCD data.
I
CAN1_RD — CAN1 receiver input.
-
R — Function reserved.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com