Electronic Components Datasheet Search
  English  ▼

X  

HMC702LP6CE Datasheet(PDF) 33 Page - Hittite Microwave Corporation

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC702LP6CE Datasheet(HTML) 33 Page - Hittite Microwave Corporation

Back Button HMC702LP6CE Datasheet HTML 28Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 29Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 30Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 31Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 32Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 33Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 34Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 35Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 36Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 33
HMC702LP6CE
v07.0411
14 GHz 16-BIT FRACTIONAL-N PLL
Table 36. Reg 1Ah Lock Detect Register
Bit
Type
Name
Default
Description
9:0
r/W
lkd_wincnt_max
10’d40
threshold count in the timer window to declare
lock (reference cycles)
10
r/W
lkd_win_asym_enable
0
Enables asymmetric lock detect window (nominal
10nsec)
11
r/W
lkd_win_asym_up_select
0
Sets polarity of the window
12
r/W
lkd_to_sdo_automux_en
0
Muxes the lkd output signal to SDo when SDo is
not being used for Main Serial Port Data outputs
(read operation)
13
r/W
lkd_to_sdo_always
0
Muxes the lkd output signal to SDo always, not
possible to do Main Serial Port read in this state
14
r/W
lkd_ringosc_mono_select
0
1 select ringosc based oneshot for lock detect
window
0 selects analog based oneshot
16:15
r/W
lkd_ringosc_cfg
0
“00” fastest “11” slowest
18:17
r/W
lkd_monost_duration
0
“00” shortest “11” longest
19
r/W
lkd_ringosc_testmode
0
enables the ring osc by itself for testing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com