Electronic Components Datasheet Search
  English  ▼

X  

HMC702LP6CE Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC702LP6CE Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC702LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 3
HMC702LP6CE
v07.0411
14 GHz 16-BIT FRACTIONAL-N PLL
Table 1. Electrical Specifications
Parameter
conditions / notes
Min
typ
Max
Units
Phase Detector
Fractional Mode
Phase Detector Frequency
0.1
70
MHz
integer Mode
Phase Detector Frequency
0.1
100
MHz
Charge Pump
Max output current
4
ma
Min output current
125
µa
charge Pump Gain Step Size (5-bits)
125
µa
charge Pump trim Step Size (3-bits)
14
µa
charge Pump offset Step Size (4-bits)
29
µa
PFD / charge Pump noise (integer)
6 GHz, 50 MHz ref, input referred
1 kHz
-141
dBc/Hz
10 kHz
-149
dBc/Hz
100 kHz
-155
dBc/Hz
compliance Voltage
Less than 3 dB degradation typ. at
these limits
-406 µa offset
0.4
VPPcP-0.8
V
-406 µa offset
0.8
VPPcP-0.4
V
Logic Inputs
ViH input High Voltage
VDDio-0.4
V
ViL input Low Voltage
0.4
V
Logic Outputs
ViH output High Voltage
VDDio-0.1
V
ViL output Low Voltage
0.1
V
Power Supply Voltages
Vcc - analog 3V Supplies
VccPrS, rVDD, VccHF
3
3.3
3.45
V
DVDD - Digital internal Supply
DVDD, DVDDQ
3
3.3
3.45
V
DVDDio - Digital i/o Supply
DVDDio
1.8
3.3
5.5
V
analog 5V Supplies
Vccoa, VPPcP, VPPDrV,
VDDPD, VDDPDV, VDDPDr
4.5
5.0
5.5
V
Power Supply Current (6 GHz Fractional Mode, 50 MHz PFD)
analog +5V
Vccoa, VPPcP, VPPDrV,
VDDPD, VDDPDV, VDDPDr
26
ma
analog +3.3V
VccPrS, rVDD, VccHF
116
ma
Digital +3.3V
DVDD, DVDDio, DVDDQ
19
ma
Power Down - crystal off
reg 01h = 0
crystal not clocked
10
µa
Power Down - crystal on, 100 MHz
reg 01h = 0
crystal clocked 100 MHz
20
200
µa
Temperature Sensor (3-bit)
Min temperature
readout: 000
-32
°c
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com