Electronic Components Datasheet Search
  English  ▼

X  

HMC702LP6CE Datasheet(PDF) 17 Page - Hittite Microwave Corporation

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC702LP6CE Datasheet(HTML) 17 Page - Hittite Microwave Corporation

Back Button HMC702LP6CE Datasheet HTML 13Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 14Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 15Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 16Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 17Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 18Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 19Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 20Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 21Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 17
HMC702LP6CE
v07.0411
14 GHz 16-BIT FRACTIONAL-N PLL
have to occur inside the selected lock widow 1000 times in a row to be declared locked. When locked the Lock Detect
flag ro_lock_detect (Reg1Fh<0> table 41) will be set. a single occurrence outside of the window will result in clearing
the Lock Detect flag, ro_lock_detect.
the Lock Detect flag ro_lock_detect (Reg1Fh<0> table 41) is a read only register, readable from the serial port. the
Lock Detect flag is also output to the LD_SDO pin according to lkd_to_sdo_always (Reg1Ah<13>) and lkd_to_sdo_
automux_en (Reg1Ah<12>), both in table 36. Setting lkd_to_sdo_always will always display the Lock Detect flag
on LD_DSO. clearing lkd_to_sdo_always and setting lkd_to_sdo_automux_en will display the Lock Detect flag on
LD_SDO except when a serial port read is requested, in which case the pin reverts temporarily to the Serial Data out
pin, and returns to the lock detect function after the read is completed.
Figure 12. Normal Lock Detect Window
Lock Detect with Phase Offset
When operating in fractional mode the linearity of the charge pump and phase detector are more critical than in
integer mode. the phase detector linearity is worse when operated with zero phase offset. Hence in fractional mode
it is necessary to offset the phase of the reference and the Vco at the phase detector. in such a case, for example
with an offset delay, as shown in Figure 13, the mean phase of the Vco will always occur after the reference. the
lock detect circuit window can be made more selective with a fixed offset delay by setting win_asym_enable and
win_asym_up_select (Reg1Ah<11> table 36). Similarly the offset can be in advance of the reference by clearing
win_asym_up_select while leaving win_asym_enable Reg1Ah<10> set both in table 36.
Figure 13. Delayed Lock Detect Window
For most applications the analog one shot window is sufficient. to determine the required Lock Detect one shot
window size:
required LD one Shot Window = (cP Phase offset (ns) + 8xtvco) x 1.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com