Electronic Components Datasheet Search
  English  ▼

X  

HMC702LP6CE Datasheet(PDF) 32 Page - Hittite Microwave Corporation

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC702LP6CE Datasheet(HTML) 32 Page - Hittite Microwave Corporation

Back Button HMC702LP6CE Datasheet HTML 28Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 29Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 30Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 31Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 32Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 33Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 34Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 35Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 36Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 32
HMC702LP6CE
v07.0411
14 GHz 16-BIT FRACTIONAL-N PLL
Table 34. Reg 18h Auxiliary Oscillator Register 1
Bit
Type
Name
Default
Description
1:0
r/W
dsmclk_auxclk_insel
0
Selects the input clk for auxclk
0:vcodiv
1:xrefsq or sin
2:refdiv
3:ring oscillator from mono, est 300 MHz to
1 GHz
3:2
r/W
dsmclk_auxclk_modesel
0
0: bypass-no delay
1: pass through w/ delay
2: ring-out constant
3: ring-out seeded/gated
6:4
r/W
dsmclk_auxclk_divsel
2
divider selection auxclk value divby
000
001
010
011
100
101
110
111
1
2
4
6
8
10
12
14
7
r/W
dsmclk_auxclk_sel
0
selects auxclk (if=1) as natural reference clk
input of sigma delta
8
r/W
dsmclk_auxmod_lfsr_en
0
enables 10-bit lfsr inside the delay modulator
(clocked by auxclk or auxclkb)
9
r/W
dsmclk_auxmod_accum_en
0
enables 8-bit accumulator inside the delay
modulator (clocked by auxclk or auxclkb)
11:10
r/W
dsmclk_auxmod_mode
0
delay modulation mode
0: auxmod_lodly_in passthrough
1: accumulator based square-wave
2: lfsr (lo-amp)
3: lfsr (hi-amp)
19:12
r/W
dsmclk_auxmod_fracstep
3
step-size of accumulator (changes square-wave
value once it wraps through 256)
22:20
r/W
dsmclk_auxmod_lodly
0
value of delay-element (when auxmod_mode=0)
or low value used during sq-wave modulation
Table 35. Reg 19h Auxiliary Oscillator Register 2
Bit
Type
Name
Default
Description
2:0
r/W
dsmclk_auxmod_hidly
7
hi value of delay element during sq-wave
modulation
3
r/W
dsmclk_auxmod_clkinv
1
optionally inverts auxclk as used by the
modulator
4
r/W
dsmclk_auxmod_clkwring
9
select LKD ringosc to clock the LFSr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com