Electronic Components Datasheet Search
  English  ▼

X  

HMC702LP6CE Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC702LP6CE Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC702LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 10Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 11Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 7
HMC702LP6CE
v07.0411
14 GHz 16-BIT FRACTIONAL-N PLL
1. reference Path input Buffers
2. reference Path Divider
3. Vco Path input Buffer
4. Vco Path Multi-Modulus Prescaler/Divider
5. Δ∑ Fractional Modulator
6. Phase Frequency Detector
7. charge Pump
8. Main Serial Port
9. Vco Serial Port for Stepped Vco Support
10. temperature Sensor
11. Power on reset circuit
12. cW Sweeper Subsystem
13. auxiliary clock Generator
14. General Purpose output (GPo) Bus
15. Multiple Vco controller
Theory of Operation
the HMc702LP6cE synthesizer consists of the following functional blocks
Each of these blocks is described briefly in the following section.
Reference Path
the full reference Path block diagram is shown in Figure 1. the ultra low noise phase detector requires the best
possible reference signal. Since a given application may desire to use a square wave or a 50 ohm sinusoidal crystal
source, HMc702LP6cE offers two input ports, each one optimized for the lowest possible noise for the source type
being used.
For absolute best low noise performance, the sine wave path should be used.
the user should use only one ref path input, that is the input that matches their reference source type. note the input
is defaulted to the square wave input on power up. Should the sine reference path be used, it is necessary to enable
the sine input, shut down the square wave input and set the mux (rfp_buf_sin_en=1, rfp_buf_sq_en=0, rfp_buf_sin_
sel=1, table 12). the unused port should be left open.
the reference path supports input frequencies of up to 250 MHz typical, however the maximum frequency at the
phase detector (PFD) depends upon the mode of operation, worst case at +85°c, 70 MHz in fractional mode and 100
MHz in integer mode. Hence reference inputs of greater than the PFD maximum frequency must use the appropriate
r divider setting.
Figure 1. Reference Sine Input Stages
the unused reference port is normally not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com