Electronic Components Datasheet Search
  English  ▼

X  

HMC702LP6CE Datasheet(PDF) 20 Page - Hittite Microwave Corporation

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC702LP6CE Datasheet(HTML) 20 Page - Hittite Microwave Corporation

Back Button HMC702LP6CE Datasheet HTML 16Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 17Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 18Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 19Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 20Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 21Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 22Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 23Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 24Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 20
HMC702LP6CE
v07.0411
14 GHz 16-BIT FRACTIONAL-N PLL
where
Nint
is the integer division ratio, an integer number between 36 and 65,533
(dsm_intg (Reg0Fh table 26))
Nfrac
is the fractional part, a number from 1 to 224 (dsm_frac Reg10h table 27)
R
is the reference path division ratio, (rfp_div_ratio Reg03h<13:0> table 14)
fxtal
is the frequency of the crystal oscillator input (XSin or XrEF Figure 10)
as an Example:
fxtal
= 50 MHz
R
= 1
fref
= 50 MHz
Nint
= 92
Nfrac
= 1
(EQ 14)
in this example the output frequency of 9,600,000,005.96 Hz is achieved by programming the 16-bit binary value of
92d = 5c = 0000 0000 0101 1100 into dsm_intg.
Similarly the 24-bit binary value of the fractional word is written into dsm_frac,
1d = 000 001h = 0000 0000 0000 0000 0000 0001
Example 2: Set the output to 12.600 025 GHz using a 100 MHz reference, r=2.
Find the nearest integer value, nint, nint = 126, fint = 12.600 000 GHz
this leaves the fractional part to be ffrac =25 kHz
(EQ 15)
Since Nfrac must be an integer number, the actual fractional frequency will be 24,998.19 Hz, an error of 1.81 Hz.
Here we program the 16-bit nint = 126d = 7Eh = 0000 0000 0111 1110 and
the 24-bit nfrac = 4194d = 1062h = 0000 0100 0001 0010
in addition to the above frequency programming words, the fractional mode must be enabled using the frac register.
other DSM configuration registers should be set to the recommended values. register setup files are available on
request.
Integer Frequency
the synthesizer is capable of operating in integer mode. in integer mode the digital Δ∑ modulator is normally shut
off and the division ratio of the Vco divider is set at a fixed value. to run in integer mode set dsm_integer_mode
(Reg12h<3> table 29) and clear dsm_rstb (Reg01h<13> table 12). then program the integer portion of the frequency,
NINT, as explained by (EQ 13), ignoring the fractional part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com