Electronic Components Datasheet Search
  English  ▼

X  

HMC702LP6CE Datasheet(PDF) 23 Page - Hittite Microwave Corporation

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC702LP6CE Datasheet(HTML) 23 Page - Hittite Microwave Corporation

Back Button HMC702LP6CE Datasheet HTML 19Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 20Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 21Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 22Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 23Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 24Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 25Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 26Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 27Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 23
HMC702LP6CE
v07.0411
14 GHz 16-BIT FRACTIONAL-N PLL
Autosweep Mode
the autosweep mode is similar to Figure 16 except that once started, triggers are not required. once enabled, (ramp_
repeat_en=1 Reg14h<3> table 30) the autosweep mode initiates the first trigger, steps n times, one step per ref clock
cycle, and then waits for the programmed dwell period and automatically triggers the ramp in the opposite direction.
the sweep process continues alternating sweep directions until disabled. dwell_time (Reg17h table 33) controls the
number of Tref periods to wait at the end of the ramp before automatically retriggering a new sweep.
2-Way Sweeps
if ramp_repeat_en (Reg14h<3> table 30) is cleared, then the ramps are triggered by
a. Writing to ramp_trigg (Reg14h<2> table 30), if bit <2> = 0, or
b. by rising edge ttL signal input on GPo3, if ramp_trig_ext_en is set, and GPo3 is enabled.
all functions are the same in Figure 16 for autosweep or 2-Way triggered sweeps, the only difference is the trigger
source is generated internally for autosweep, and is input via serial port or GPo3 for triggered sweeps. Sweep_busy
will go high at the start of every ramp and stay high until the nth step in the ramp.
Figure 16. 2-Way Sweep Control via Trigger
Triggered 1-Way Sweeps
1-Way sweeps are shown in Figure 17.
Unlike 2-Way sweeps, 1-Way sweeps require that the Vco hop back to the start frequency after the dwell period.
triggered 1-Way sweeps also require a 3rd trigger to start the new sweep. the 3rd trigger must be timed appropriately
to allow the Vco to settle after the large frequency hop back to the start frequency. Subsequent odd numbered
triggers will start the 1-Way sweep and repeat the process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com