Electronic Components Datasheet Search
  English  ▼

X  

HMC702LP6CE Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC702LP6CE Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC702LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 2
HMC702LP6CE
v07.0411
14 GHz 16-BIT FRACTIONAL-N PLL
Table 1. Electrical Specifications
Parameter
conditions / notes
Min
typ
Max
Units
Prescaler Characteristics
Max rF input Frequency (3.3V)
12
14
GHz
Max rF input Frequency (2.7 - 3.3V)
12
13
GHz
Min rF input Frequency
0.1
MHz
rF input Power
Fmin<Fvco<10 GHz
Fvco>10 GHz
-10
0
-6
10
dBm
16-bit n-Divider range (integer)
16-Bit divider and fixed divide-by-2
step of 2
64
131,070
16-bit n-Divider range (Fractional)
Fraction nominal Divide ratio varies
(-6 / +8) dynamically max
72
131,062
REF Input Characteristics
Max ref input Frequency (pin XrEFP)
250
MHz
Max ref input Frequency (pin XSin)
250
MHz
Min ref input Frequency
XSin minimum 20MHz due to
phase noise degradation
100
kHz
ref input Voltage range (pin XrEFP)
ac coupled
1.5
2.0
3.3
Vpp
ref input Power range (pin XSin)
50 Ω Source
-6
0
12
dBm
ref input capacitance
5
pF
14-Bit r-Divider range
1
16,383
General Description
the HMc702LP6cE is a SiGe BicMoS fractional-n PLL. the fractional-n PLL includes a fixed divide by 2 followed by
a 8GHz 16-bit rF n-Divider, a 24-bit delta-sigma modulator, a very low noise digital phase frequency detector (PFD),
and a precision controlled charge pump.
the fractional-n PLL features an advanced delta-sigma modulator design that allows ultra-fine frequency step sizes.
the fractional-n PLL features the ability to alter both the phase-frequency detector (PFD) gain and the cycle slipping
characteristics of the PFD. this feature can reduce the time to arrive at the new frequency by 50% vs. conventional
PFDs. Ultra low in-close phase noise also allows wider loop bandwidths for faster frequency hopping.
the fractional-n PLL contains a built-in linear sweeper function, which allows it to perform frequency chirps with a
wide variety of sweep times, polarities and dwells, all with an external or automatic sweep trigger.
in addition the fractional-n PLL has a number of auxiliary clock generation modes that can be accessed via the GPo.
Electrical Specifications, TA = +25°C
VccHF = VccPrS = rVDD = +3.3V
VPPcP = Vccoa = VDDPDr = VPPDrV = VDDPD = VDDPDV = +5V
DVDD = DVDDio = DVDDQ = +3.3V
GnDDrV = GnDcP = GnDPD = GnDPDV = GnDPDr = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com