Electronic Components Datasheet Search
  English  ▼

X  

HMC702LP6CE Datasheet(PDF) 13 Page - Hittite Microwave Corporation

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC702LP6CE Datasheet(HTML) 13 Page - Hittite Microwave Corporation

Back Button HMC702LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 10Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 11Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 12Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 13Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 14Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 15Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 16Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 17Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 13
HMC702LP6CE
v07.0411
14 GHz 16-BIT FRACTIONAL-N PLL
Δ∑ Modulator Outputs (gpo_sel=10)
Setting register gpo_sel=10 (Reg1B<3:0> table 37) assigns the three lsb’s of the delta sigma modulator output
to GPo<3:1>, where GPo1 is the lsb. this feature allows the possibility of using the HMc702LP6cE as a general
purpose digital delta sigma modulator for many possible applications.
External VCO
the HMc702LP6cE is targeted for ultra low phase noise applications with an external Vco. the synthesizer has
been designed to work with Vcos that can be tuned nominally over 0.5 to 4.5 Volts on the varactor tuning port with a
+5V charge pump supply voltage. Slightly wider ranges are possible with a +5.5V charge pump supply or with slightly
degraded performance.
External VCO with Active Inverting OpAmp Loop Filter
an external opamp active filter is required to support external Vcos with tuning voltages above 5V. if an inverting
opamp is used with a positive slope Vco, phase_sel reg05h <0> = 1 table 16 must be set to invert the PFD phase
polarity and obtain correct closed loop operation.
Figure 9. Conventional Synthesizer with VCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com