Electronic Components Datasheet Search
  English  ▼

X  

HMC702LP6CE Datasheet(PDF) 24 Page - Hittite Microwave Corporation

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC702LP6CE Datasheet(HTML) 24 Page - Hittite Microwave Corporation

Back Button HMC702LP6CE Datasheet HTML 20Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 21Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 22Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 23Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 24Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 25Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 26Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 27Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 28Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 24
HMC702LP6CE
v07.0411
14 GHz 16-BIT FRACTIONAL-N PLL
Figure 17. 1-Way Sweep Control
Single Step Ramp Mode
a Single Step 1-Way ramp is shown in Figure 18. in this mode, a trigger is required for each step of the ramp. Single
step will function in either 1-Way or 2-Way ramps. Similar to autosweep, the ramp_busy flag will go high on the first
trigger, and will stay high until the nth trigger. the n+1 trigger will cause the ramp to jump to the start frequency in
1-way ramp mode. the n+2 trigger will restart the 1-way ramp.
Figure 18. Single Step Ramp Mode
the user should be aware that the synthesized ramp is subject to normal phase locked loop dynamics. if the loop
bandwidth in use is much wider than the rate of the steps then the locking will be very fast and the ramp will have a
staircase shape. if the update rate is higher than the loop bandwidth, as is normally the case, then the loop will not
fully settle before a new frequency step is received. Hence the swept output will have a small lag and will sweep in a
near continuous fashion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com