Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 34Page - NXP Semiconductors LPC1850 Datasheet HTML 35Page - NXP Semiconductors LPC1850 Datasheet HTML 36Page - NXP Semiconductors LPC1850 Datasheet HTML 37Page - NXP Semiconductors LPC1850 Datasheet HTML 38Page - NXP Semiconductors LPC1850 Datasheet HTML 39Page - NXP Semiconductors LPC1850 Datasheet HTML 40Page - NXP Semiconductors LPC1850 Datasheet HTML 41Page - NXP Semiconductors LPC1850 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
38 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
P9_3
M6
x
-
79
-
-
[3]
I; PU I/O
GPIO4[15] — General purpose digital input/output
pin.
O
MCOA0 — Motor control PWM channel 0, output A.
O
USB1_IND1 — USB1 Port indicator LED control
output 1.
-
R — Function reserved.
-
R — Function reserved.
I
ENET_RXD2 — Ethernet receive data 2 (MII
interface).
-
R — Function reserved.
O
U3_TXD — Transmitter output for USART3.
P9_4
N10
x
-
92
-
-
[3]
I; PU -
R — Function reserved.
O
MCOB0 — Motor control PWM channel 0, output B.
O
USB1_IND0 — USB1 Port indicator LED control
output 0.
-
R — Function reserved.
I/O
GPIO5[17] — General purpose digital input/output
pin.
O
ENET_TXD2 — Ethernet transmit data 2 (MII
interface).
-
R — Function reserved.
I
U3_RXD — Receiver input for USART3.
P9_5
M9
x
-
98
69
-
[3]
I; PU -
R — Function reserved.
O
MCOA1 — Motor control PWM channel 1, output A.
O
USB1_PPWR — VBUS drive signal (towards
external charge pump or power management unit);
indicates that VBUS must be driven (active HIGH).
Add a pull-down resistor to disable the power switch
at reset. This signal has opposite polarity compared
to the USB_PPWR used on other NXP LPC parts.
-
R — Function reserved.
I/O
GPIO5[18] — General purpose digital input/output
pin.
O
ENET_TXD3 — Ethernet transmit data 3 (MII
interface).
-
R — Function reserved.
O
U0_TXD — Transmitter output for USART0.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com