Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 39Page - NXP Semiconductors LPC1850 Datasheet HTML 40Page - NXP Semiconductors LPC1850 Datasheet HTML 41Page - NXP Semiconductors LPC1850 Datasheet HTML 42Page - NXP Semiconductors LPC1850 Datasheet HTML 43Page - NXP Semiconductors LPC1850 Datasheet HTML 44Page - NXP Semiconductors LPC1850 Datasheet HTML 45Page - NXP Semiconductors LPC1850 Datasheet HTML 46Page - NXP Semiconductors LPC1850 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
43 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
PC_0
D4
x
-
7
-
-
[6]
I; PU -
R — Function reserved.
I
USB1_ULPI_CLK — ULPI link CLK signal. 60 MHz
clock generated by the PHY.
-
R — Function reserved.
I/O
ENET_RX_CLK — Ethernet Receive Clock (MII
interface).
O
LCD_DCLK — LCD panel clock.
-
R — Function reserved.
-
R — Function reserved.
I/O
SD_CLK — SD/MMC card clock.
I
ADC1_1 — ADC1, input channel 1.
PC_1
E4
-
-
9
-
-
[3]
I; PU I/O
USB1_ULPI_D7 — ULPI link bidirectional data
line 7.
-
R — Function reserved.
I
U1_RI — Ring Indicator input for UART1.
O
ENET_MDC — Ethernet MIIM clock.
I/O
GPIO6[0] — General purpose digital input/output pin.
-
R — Function reserved.
I
T3_CAP0 — Capture input 0 of timer 3.
O
SD_VOLT0 — SD/MMC bus voltage select output 0.
PC_2
F6
-
-
13
-
-
[3]
I; PU I/O
USB1_ULPI_D6 — ULPI link bidirectional data
line 6.
-
R — Function reserved.
I
U1_CTS — Clear to Send input for UART1.
O
ENET_TXD2 — Ethernet transmit data 2 (MII
interface).
I/O
GPIO6[1] — General purpose digital input/output pin.
-
R — Function reserved.
-
R — Function reserved.
O
SD_RST — SD/MMC reset signal for MMC4.4 card.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com