Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 38Page - NXP Semiconductors LPC1850 Datasheet HTML 39Page - NXP Semiconductors LPC1850 Datasheet HTML 40Page - NXP Semiconductors LPC1850 Datasheet HTML 41Page - NXP Semiconductors LPC1850 Datasheet HTML 42Page - NXP Semiconductors LPC1850 Datasheet HTML 43Page - NXP Semiconductors LPC1850 Datasheet HTML 44Page - NXP Semiconductors LPC1850 Datasheet HTML 45Page - NXP Semiconductors LPC1850 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
42 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
PB_4
B11
x
-
180
-
-
[3]
I; PU -
R — Function reserved.
I/O
USB1_ULPI_D5 — ULPI link bidirectional data
line 5.
O
LCD_VD15 — LCD data.
-
R — Function reserved.
I/O
GPIO5[24] — General purpose digital input/output
pin.
I
CTIN_5 — SCT input 5. Capture input 2 of timer 2.
-
R — Function reserved.
-
R — Function reserved.
PB_5
A12
x
-
181
-
-
[3]
I; PU -
R — Function reserved.
I/O
USB1_ULPI_D4 — ULPI link bidirectional data
line 4.
O
LCD_VD14 — LCD data.
-
R — Function reserved.
I/O
GPIO5[25] — General purpose digital input/output
pin.
I
CTIN_7 — SCT input 7.
O
LCD_PWR — LCD panel power enable.
-
R — Function reserved.
PB_6
A6
x
-
-
-
-
[6]
I; PU -
R — Function reserved.
I/O
USB1_ULPI_D3 — ULPI link bidirectional data
line 3.
O
LCD_VD13 — LCD data.
-
R — Function reserved.
I/O
GPIO5[26] — General purpose digital input/output
pin.
I
CTIN_6 — SCT input 6. Capture input 1 of timer 3.
O
LCD_VD19 — LCD data.
-
R — Function reserved.
I
ADC0_6 — ADC0, input channel 6.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com