Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 82Page - NXP Semiconductors LPC1850 Datasheet HTML 83Page - NXP Semiconductors LPC1850 Datasheet HTML 84Page - NXP Semiconductors LPC1850 Datasheet HTML 85Page - NXP Semiconductors LPC1850 Datasheet HTML 86Page - NXP Semiconductors LPC1850 Datasheet HTML 87Page - NXP Semiconductors LPC1850 Datasheet HTML 88Page - NXP Semiconductors LPC1850 Datasheet HTML 89Page - NXP Semiconductors LPC1850 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
86 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
7.16.2 Digital-to-Analog Converter (DAC)
7.16.2.1
Features
• 10-bit resolution
• Monotonic by design (resistor string architecture)
• Controllable conversion speed
• Low power consumption
7.17 Peripherals in the RTC power domain
7.17.1 RTC
The Real Time Clock (RTC) is a set of counters for measuring time when system power is
on, and optionally when it is off. It uses very little power when its registers are not being
accessed by the CPU, especially reduced power modes. The RTC is clocked by a
separate 32 kHz oscillator that produces a 1 Hz internal time reference and is powered by
its own power supply pin, VBAT.
7.17.1.1
Features
• Measures the passage of time to maintain a calendar and clock. Provides seconds,
minutes, hours, day of month, month, year, day of week, and day of year.
• Ultra-low power design to support battery powered systems. Uses power from the
CPU power supply when it is present.
• Dedicated battery power supply pin.
• RTC power supply is isolated from the rest of the chip.
• Calibration counter allows adjustment to better than 1 sec/day with 1 sec resolution.
• Periodic interrupts can be generated from increments of any field of the time registers.
• Alarm interrupt can be generated for a specific date/time.
7.17.2 Alarm timer
The alarm timer is a 16-bit timer and counts down at 1 kHz from a preset value generating
alarms in intervals of up to 1 min. The counter triggers a status bit when it reaches 0x00
and asserts an interrupt if enabled.
The alarm timer is part of the RTC power domain and can be battery powered.
7.18 System control
7.18.1 Configuration registers (CREG)
The following settings are controlled in the configuration register block:
• BOD trip settings
• Oscillator output
• DMA-to-peripheral muxing
• Ethernet mode
• Memory mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com