Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 62Page - NXP Semiconductors LPC1850 Datasheet HTML 63Page - NXP Semiconductors LPC1850 Datasheet HTML 64Page - NXP Semiconductors LPC1850 Datasheet HTML 65Page - NXP Semiconductors LPC1850 Datasheet HTML 66Page - NXP Semiconductors LPC1850 Datasheet HTML 67Page - NXP Semiconductors LPC1850 Datasheet HTML 68Page - NXP Semiconductors LPC1850 Datasheet HTML 69Page - NXP Semiconductors LPC1850 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
66 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
[3]
5 V tolerant pad with 15 ns glitch filter (5 V tolerant if VDD(IO) present; if VDD(IO) not present, do not exceed 3.3 V); provides digital I/O
functions with TTL levels and hysteresis; normal drive strength (see Figure 39).
[4]
5 V tolerant pad with 15 ns glitch filter (5 V tolerant if VDD(IO) present; if VDD(IO) not present, do not exceed 3.3 V); provides digital I/O
functions with TTL levels, and hysteresis; high drive strength (see Figure 39).
[5]
5 V tolerant pad with 15 ns glitch filter (5 V tolerant if VDD(IO) present; if VDD(IO) not present, do not exceed 3.3 V); provides high-speed
digital I/O functions with TTL levels and hysteresis (see Figure 39).
[6]
5 V tolerant pad providing digital I/O functions (with TTL levels and hysteresis) and analog input or output (5 V tolerant if VDD(IO) present;
if VDD(IO) not present, do not exceed 3.3 V). When configured as a ADC input or DAC output, the pin is not 5 V tolerant and the digital
section of the pad must be disabled by setting the pin to an input function and disabling the pull-up resistor through the pin’s SFSP
register.
[7]
5 V tolerant transparent analog pad.
[8]
For maximum load CL = 6.5 F and maximum pull-down resistance Rpd = 80 k, the VBUS signal takes about 2 s to fall from VBUS =
5 V to VBUS = 0.2 V when it is no longer driven.
[9]
Transparent analog pad. Not 5 V tolerant.
[10] Pad provides USB functions. 5 V tolerant if VDD(IO) present; if VDD(IO) not present do not exceed 3.3 V. It is designed in accordance with
the USB specification, revision 2.0 (Full-speed and Low-speed mode only).
[11] Open-drain 5 V tolerant digital I/O pad, compatible with I2C-bus Fast Mode Plus specification. This pad requires an external pull-up to
provide output functionality. When power is switched off, this pin connected to the I2C-bus is floating and does not disturb the I2C lines.
[12] 5 V tolerant pad with 20 ns glitch filter; provides digital I/O functions with open-drain output with weak pull-up resistor and hysteresis
(see Figure 40).
[13] On the TFBGA100 and LQFP208 packages, VPP is internally connected to VDDIO.
[14] On the LQFP144/208 packages, VSSIO and VSS are connected to a common ground plane.
[15] On the TFBGA100 and LQFP100/208 packages, VSS is internally connected to VSSIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com