Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 61Page - NXP Semiconductors LPC1850 Datasheet HTML 62Page - NXP Semiconductors LPC1850 Datasheet HTML 63Page - NXP Semiconductors LPC1850 Datasheet HTML 64Page - NXP Semiconductors LPC1850 Datasheet HTML 65Page - NXP Semiconductors LPC1850 Datasheet HTML 66Page - NXP Semiconductors LPC1850 Datasheet HTML 67Page - NXP Semiconductors LPC1850 Datasheet HTML 68Page - NXP Semiconductors LPC1850 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
65 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
[1]
x = available; - = not pinned out.
[2]
I = input, O = output, IA = inactive; PU = pull-up enabled (weak pull-up resistor pulls up pin to VDD(IO)); F = floating. Reset state reflects
the pin state at reset without boot code operation.
VDDIO
D7,
E12,
F7,
F8,
G10,
H10,
J6,
J7,
K7,
L9,
L10,
N7,
N13
x
F10,
K5
6,
52,
57,
102,
110,
155,
160,
202
5,
36,
41,
71,
77,
107,
111,
141
-
[13]
-
-
I/O power supply. Tie the VDDREG and VDDIO pins
to a common power supply to ensure the same
ramp-up time for both supply voltages.
VDD
-
-
-
-
-
3,
24,
27,
49,
52,
74,
77,
97
Power supply for main regulator, I/O, and OTP.
VSS
G9,
H7,
J10,
J11,
K8
xC8,
D4,
D5,
G8,
J3,
J6
--
2,
26,
51,
76
[14]
[15]
-
-
Ground.
VSSIO
C4,
D13,
G6,
G7,
G8,
H8,
H9,
J8,
J9,
K9,
K10,
M13,
P7,
P13
x-
5,
56,
109,
157
4,
40,
76,
109
-
[14]
[15]
-
-
Ground.
VSSA
B2
x
C2
196
135
94
-
-
Analog ground.
Not connected
-B9
-
-
-
-
-
-
-
n.c.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com