Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 58Page - NXP Semiconductors LPC1850 Datasheet HTML 59Page - NXP Semiconductors LPC1850 Datasheet HTML 60Page - NXP Semiconductors LPC1850 Datasheet HTML 61Page - NXP Semiconductors LPC1850 Datasheet HTML 62Page - NXP Semiconductors LPC1850 Datasheet HTML 63Page - NXP Semiconductors LPC1850 Datasheet HTML 64Page - NXP Semiconductors LPC1850 Datasheet HTML 65Page - NXP Semiconductors LPC1850 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
62 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
CLK2
D14
x
K6
141
99
68
[5]
O;
PU
O
EMC_CLK3 — SDRAM clock 3.
O
CLKOUT — Clock output pin.
-
R — Function reserved.
-
R — Function reserved.
I/O
SD_CLK — SD/MMC card clock.
O
EMC_CLK23 — SDRAM clock 2 and clock 3
combined.
O
I2S0_TX_MCLK — I2S transmit master clock.
I/O
I2S1_RX_SCK — Receive Clock. It is driven by the
master and received by the slave. Corresponds to
the signal SCK in the I2S-bus specification.
CLK3
P12
x
-
-
-
-
[5]
O;
PU
O
EMC_CLK2 — SDRAM clock 2.
O
CLKOUT — Clock output pin.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
O
CGU_OUT1 — CGU spare clock output 1.
-
R — Function reserved.
I/O
I2S1_RX_SCK — Receive Clock. It is driven by the
master and received by the slave. Corresponds to
the signal SCK in the I2S-bus specification.
Debug pins
DBGEN
L4
x
A6
41
28
18
[3]
I
I
JTAG interface control signal. Also used for boundary
scan.
TCK/SWDCLK
J5
x
H2
38
27
17
[3]
I; F
I
Test Clock for JTAG interface (default) or Serial Wire
(SW) clock.
TRST
M4
x
B442
2919
[3]
I; PU I
Test Reset for JTAG interface.
TMS/SWDIO
K6
x
C4
44
30
20
[3]
I; PU I
Test Mode Select for JTAG interface (default) or SW
debug data input/output.
TDO/SWO
K5
x
H3
46
31
21
[3]
O
O
Test Data Out for JTAG interface (default) or SW
trace output.
TDI
J4
x
G3
35
26
16
[3]
I; PU I
Test Data In for JTAG interface.
USB0 pins
USB0_DP
F2
x
E1
26
18
9
[7]
-
I/O
USB0 bidirectional D+ line.
USB0_DM
G2
x
E2
28
20
11
[7]
-
I/O
USB0 bidirectional D
 line.
USB0_VBUS
F1
x
E3
29
21
12
[7]
[8]
-
I/O
VBUS pin (power on USB cable). This pin includes
an internal pull-down resistor of 64 k
 (typical) 
16 k
.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com