Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 92Page - NXP Semiconductors LPC1850 Datasheet HTML 93Page - NXP Semiconductors LPC1850 Datasheet HTML 94Page - NXP Semiconductors LPC1850 Datasheet HTML 95Page - NXP Semiconductors LPC1850 Datasheet HTML 96Page - NXP Semiconductors LPC1850 Datasheet HTML 97Page - NXP Semiconductors LPC1850 Datasheet HTML 98Page - NXP Semiconductors LPC1850 Datasheet HTML 99Page - NXP Semiconductors LPC1850 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
96 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
Vhys
hysteresis voltage
0.1
VDD(IO)
--
V
VOH
HIGH-level output
voltage
IOH = 8 mA
VDD(IO)
0.4
--
V
VOL
LOW-level output
voltage
IOL =8 mA
-
-
0.4
V
IOH
HIGH-level output
current
VOH =VDD(IO)  0.4 V
8-
-
mA
IOL
LOW-level output
current
VOL =0.4 V
8
-
-
mA
IOHS
HIGH-level short-circuit
output current
drive HIGH; connected to
ground
[9] --
86
mA
IOLS
LOW-level short-circuit
output current
drive LOW; connected to
VDD(IO)
[9] --
76
mA
Ipd
pull-down current
VI =VDD(IO)
[11]
[12]
[13]
-62
-
A
Ipu
pull-up current
VI =0V
[11]
[12]
[13]
-
62
-
A
VDD(IO) <VI  5V
-
0
-
A
Open-drain I2C0-bus pins
VIH
HIGH-level input
voltage
0.7
VDD(IO)
--
V
VIL
LOW-level input voltage
0.5
0.14
0.3
VDD(IO)
V
Vhys
hysteresis voltage
0.1
VDD(IO)
--
V
VOL
LOW-level output
voltage
IOLS =3 mA
-
-
0.4
V
ILI
input leakage current
VI =VDD(IO)
[10] -4.5
-
A
VI =5V
-
-
10
A
Oscillator pins
Vi(XTAL1)
input voltage on pin
XTAL1
0.5
-
1.2
V
Vo(XTAL2)
output voltage on pin
XTAL2
0.5
-
1.2
V
Cio
input/output
capacitance
[14] --
0.8
pF
USB0 pins[15]
Rpd
pull-down resistance
on pin USB0_VBUS
48
64
80
k
VIC
common-mode input
voltage
high-speed mode
50
200
500
mV
full-speed/low-speed
mode
800
-
2500
mV
chirp mode
50
-
600
mV
Table 8.
Static characteristics …continued
Tamb = 40 C to +85 C, unless otherwise specified. Applies to parts LPC1850/30/20/10 Rev ‘A’ only.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com