Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 86Page - NXP Semiconductors LPC1850 Datasheet HTML 87Page - NXP Semiconductors LPC1850 Datasheet HTML 88Page - NXP Semiconductors LPC1850 Datasheet HTML 89Page - NXP Semiconductors LPC1850 Datasheet HTML 90Page - NXP Semiconductors LPC1850 Datasheet HTML 91Page - NXP Semiconductors LPC1850 Datasheet HTML 92Page - NXP Semiconductors LPC1850 Datasheet HTML 93Page - NXP Semiconductors LPC1850 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
90 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
8.
Limiting values
[1]
The following applies to the limiting values:
a) This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated
maximum.
b) Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
[2]
Including voltage on outputs in 3-state mode; at 2.0 V the speed will be reduced.
[3]
The peak current is limited to 25 times the corresponding maximum current.
[4]
Dependent on package type.
[5]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
 series resistor.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD(REG)(3V3)
regulator supply voltage
(3.3 V)
on pin VDDREG
2.2
3.6
V
VDD(IO)
input/output supply
voltage
on pin VDDIO
2.2
3.6
V
VDDA(3V3)
analog supply voltage
(3.3 V)
on pin VDDA
2.2
3.6
V
VBAT
battery supply voltage
on pin VBAT
2.2
3.6
V
VDD(3V3)
supply voltage (3.3 V)
on pin VDD; LQFP100 package
only
2.2
3.6
V
Vprog(pf)
polyfuse programming
voltage
on pin VPP
2.7
3.6
V
VI
input voltage
only valid when the VDD(IO) supply
voltage is present
5 V tolerant I/O pins (see
Table 3)
[2]
0.5
5.5
V
ADC/DAC pins and digital I/O
pins configured for an analog
function (see Table 3)
0.5
VDDA(3V3)
V
USB0 pins (see Table 3)0
5.2
V
USB1 pins USB1_DP and
USB1_DM (see Table 3)
05.2
V
IDD
supply current
per supply pin
[3] -
100
mA
ISS
ground current
per ground pin
[3] -
100
mA
Ilatch
I/O latch-up current
(0.5V
DD(IO)) < VI < (1.5VDD(IO));
Tj < 125 C
-
100
mA
Tstg
storage temperature
[4]
65
+150
C
Ptot(pack)
total power dissipation
(per package)
based on package heat transfer,
not device power consumption
-1.5
W
VESD
electrostatic discharge
voltage
human body model; all pins
[5]
2000
+2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com