Electronic Components Datasheet Search
  English  ▼

X  

NVT2002 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NVT2002
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NVT2002 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NVT2002 Datasheet HTML 3Page - NXP Semiconductors NVT2002 Datasheet HTML 4Page - NXP Semiconductors NVT2002 Datasheet HTML 5Page - NXP Semiconductors NVT2002 Datasheet HTML 6Page - NXP Semiconductors NVT2002 Datasheet HTML 7Page - NXP Semiconductors NVT2002 Datasheet HTML 8Page - NXP Semiconductors NVT2002 Datasheet HTML 9Page - NXP Semiconductors NVT2002 Datasheet HTML 10Page - NXP Semiconductors NVT2002 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
NVT2001_NVT2002
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 26 October 2011
7 of 23
NXP Semiconductors
NVT2001; NVT2002
Bidirectional voltage level translator
7.2 Bidirectional translation
For the bidirectional clamping configuration (higher voltage to lower voltage or lower
voltage to higher voltage), the EN input must be connected to VREFB and both pins pulled
to HIGH side Vpu(D) through a pull-up resistor (typically 200 k). This allows VREFB to
regulate the EN input. A filter capacitor on VREFB is recommended. The master output
driver can be totem pole or open-drain (pull-up resistors may be required) and the slave
device output can be totem pole or open-drain (pull-up resistors are required to pull the Bn
outputs to Vpu(D)). However, if either output is totem-pole, data must be unidirectional or
the outputs must be 3-stateable and be controlled by some direction-control mechanism
to prevent HIGH-to-LOW contentions in either direction. If both outputs are open-drain, no
direction control is needed.
The reference supply voltage (Vref(A)) is connected to the processor core power supply
voltage. When VREFB is connected through a 200 k
 resistor to a 3.3 V to 5.5 V V
pu(D)
power supply, and Vref(A) is set between 1.0 V and (Vpu(D)  1 V), the output of each An
has a maximum output voltage equal to VREFA, and the output of each Bn has a
maximum output voltage equal to Vpu(D).
7.3 Sizing pull-up resistor
The pull-up resistor value needs to limit the current through the pass transistor when it is
in the ON state to about 15 mA. This ensures a pass voltage of 260 mV to 350 mV. If the
current through the pass transistor is higher than 15 mA, the pass voltage also is higher in
the ON state. To set the current through each pass transistor at 15 mA, the pull-up resistor
value is calculated as:
Table 5 summarizes resistor reference voltages and currents at 15 mA, 10 mA, and 3 mA.
The resistor values shown in the +10 % column or a larger value should be used to
ensure that the pass voltage of the transistor would be 350 mV or less. The external driver
must be able to sink the total current from the resistors on both sides of the NVT20xx
device at 0.175 V, although the 15 mA only applies to current flowing through the
NVT20xx device.
[1]
+10 % to compensate for VCC range and resistor tolerance.
R
PU
V
pu D

0.35 V
–
0.015 A
--------------------------------------
=
Table 5.
Pull-up resistor values
Calculated for VOL = 0.35 V; assumes output driver VOL = 0.175 V at stated current.
Vpu(D)
Pull-up resistor value (
)
64 mA
32 mA
15 mA
10 mA
3mA
Nominal
+10 %[1]
Nominal
+10 %[1]
Nominal
+10 %[1]
Nominal
+10 %[1]
Nominal
+10 %[1]
5 V
310
341
465
512
1550
1705
3.3 V
197
217
295
325
983
1082
2.5 V
143
158
215
237
717
788
1.8 V
97
106
145
160
483
532
1.5 V
77
85
115
127
383
422
1.2 V
57
63
85
94
283
312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com