Electronic Components Datasheet Search
  English  ▼

X  

NVT2002 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NVT2002
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NVT2002 Datasheet(HTML) 2 Page - NXP Semiconductors

  NVT2002 Datasheet HTML 1Page - NXP Semiconductors NVT2002 Datasheet HTML 2Page - NXP Semiconductors NVT2002 Datasheet HTML 3Page - NXP Semiconductors NVT2002 Datasheet HTML 4Page - NXP Semiconductors NVT2002 Datasheet HTML 5Page - NXP Semiconductors NVT2002 Datasheet HTML 6Page - NXP Semiconductors NVT2002 Datasheet HTML 7Page - NXP Semiconductors NVT2002 Datasheet HTML 8Page - NXP Semiconductors NVT2002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
NVT2001_NVT2002
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 26 October 2011
2 of 23
NXP Semiconductors
NVT2001; NVT2002
Bidirectional voltage level translator
Low 3.5
 ON-state connection between input and output ports provides less signal
distortion
5 V tolerant I/O ports to support mixed-mode signal operation
High-impedance An and Bn pins for EN = LOW
Lock-up free operation
Flow through pinout for ease of printed-circuit board trace routing
ESD protection exceeds 4 kV HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
Packages offered: TSSOP, XQFN, XSON
3.
Ordering information
[1]
‘X’ will change based on date code.
[2]
GTL2002 = NVT2002.
4.
Functional diagram
Table 1.
Ordering information
Tamb = 40 C to +85 C.
Type number
Topside
mark
Number
of bits
Package
Name
Description
Version
NVT2001GM
N1X[1]
1
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1.45  0.5 mm
SOT886
NVT2002DP[2]
N2002
2
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
NVT2002GD[2]
N02
2
XSON8U
plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
 2  0.5 mm
SOT996-2
NVT2002GF[2]
N2
2
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35
 1  0.5 mm
SOT1089
Fig 1.
Logic diagram of NVT2001; NVT2002 (positive logic)
002aae132
A1
An
VREFA
GND
VREFB
B1
Bn
EN
SW
SW
NVT20xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com