Electronic Components Datasheet Search
  English  ▼

X  

NVT2002 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # NVT2002
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NVT2002 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button NVT2002 Datasheet HTML 5Page - NXP Semiconductors NVT2002 Datasheet HTML 6Page - NXP Semiconductors NVT2002 Datasheet HTML 7Page - NXP Semiconductors NVT2002 Datasheet HTML 8Page - NXP Semiconductors NVT2002 Datasheet HTML 9Page - NXP Semiconductors NVT2002 Datasheet HTML 10Page - NXP Semiconductors NVT2002 Datasheet HTML 11Page - NXP Semiconductors NVT2002 Datasheet HTML 12Page - NXP Semiconductors NVT2002 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
NVT2001_NVT2002
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 26 October 2011
9 of 23
NXP Semiconductors
NVT2001; NVT2002
Bidirectional voltage level translator
8.
Limiting values
[1]
The input and input/output negative voltage ratings may be exceeded if the input and input/output clamp
current ratings are observed.
[2]
Low duty cycle pulses, not DC because of heating.
9.
Recommended operating conditions
[1]
Vref(A)  Vref(B)  1 V for best results in level shifting applications.
10. Static characteristics
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Over operating free-air temperature range.
Symbol
Parameter
Conditions
Min
Max
Unit
Vref(A)
reference voltage (A)
0.5
+6
V
Vref(B)
reference voltage (B)
0.5
+6
V
VI
input voltage
0.5[1]
+6
V
VI/O
voltage on an input/output pin
0.5[1]
+6
V
Ich
channel current (DC)
-
128
mA
IIK
input clamping current
VI <0V
50
-
mA
IOK
output clamping current
[2]
50
+50
mA
Tstg
storage temperature
65
+150
C
Table 7.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VI/O
voltage on an input/output pin
An, Bn
0
5.5
V
Vref(A)
reference voltage (A)
VREFA
[1] 05.4
V
Vref(B)
reference voltage (B)
VREFB
[1] 05.5
V
VI(EN)
input voltage on pin EN
0
5.5
V
Isw(pass)
pass switch current
-
64
mA
Tamb
ambient temperature
operating in free-air
40
+85
C
Table 8.
Static characteristics
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VIK
input clamping voltage
II = 18 mA; VI(EN) =0 V
-
-
1.2
V
IIH
HIGH-level input current
VI =5 V; VI(EN) =0V
-
-
5
A
Ci(EN)
input capacitance on pin EN
VI = 3 V or 0 V
-
7.1
-
pF
Cio(off)
off-state input/output capacitance
An, Bn; VO =3V or0V;
VI(EN) =0 V
-
46pF
Cio(on)
on-state input/output capacitance
An, Bn; VO =3V or0V;
VI(EN) =3 V
-
9.3
12.5[2]
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com