Electronic Components Datasheet Search
  English  ▼

X  

NVT2002 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # NVT2002
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NVT2002 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button NVT2002 Datasheet HTML 15Page - NXP Semiconductors NVT2002 Datasheet HTML 16Page - NXP Semiconductors NVT2002 Datasheet HTML 17Page - NXP Semiconductors NVT2002 Datasheet HTML 18Page - NXP Semiconductors NVT2002 Datasheet HTML 19Page - NXP Semiconductors NVT2002 Datasheet HTML 20Page - NXP Semiconductors NVT2002 Datasheet HTML 21Page - NXP Semiconductors NVT2002 Datasheet HTML 22Page - NXP Semiconductors NVT2002 Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
NVT2001_NVT2002
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 26 October 2011
20 of 23
NXP Semiconductors
NVT2001; NVT2002
Bidirectional voltage level translator
16. Abbreviations
17. Revision history
Table 12.
Abbreviations
Acronym
Description
CDM
Charged Device Model
ESD
ElectroStatic Discharge
GTL
Gunning Transceiver Logic
HBM
Human Body Model
I2C-bus
Inter-Integrated Circuit bus
I/O
Input/Output
LVTTL
Low Voltage Transistor-Transistor Logic
MM
Machine Model
PRR
Pulse Repetition Rate
RC
Resistor-Capacitor network
Table 13.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
NVT2001_NVT2002 v.2
20111026
Product data sheet
-
NVT2001_NVT2002 v.1
Modifications:
• Section 2 “Features and benefits”, 10th bullet item: removed phrase “200 V MM per
JESD22-A115”
• Type number NVT2002GM (XQFN8U, SOT902-1) removed from data sheet; this affects:
– Section 2 “Features and benefits”, last bullet item: removed “XQFN”
– Section 5.1.2 “2-bit in TSSOP8, XSON8U and XSON8 packages”: removed pin
configuration for XQFN8U
– Table 2 “Pin description”, Table note [2]: removed “XQFN8U”
– Section 13 “Package outline”: removed package outline SOT902-1
• Type number NVT2002TL (HXSON8U, SOT983-1) removed from data sheet; this affects:
– Section 2 “Features and benefits”, last bullet item: removed “HXSON”
– Section 5.1.2 “2-bit in TSSOP8, XSON8U and XSON8 packages”: removed pin
configuration for HXSON8U
– Table 2 “Pin description”, Table note [2]: removed “HXSON8U”
– Section 13 “Package outline”: removed package outline SOT983-1
NVT2001_NVT2002 v.1
20100830
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com