Electronic Components Datasheet Search
  English  ▼

X  

NVT2002 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # NVT2002
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NVT2002 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button NVT2002 Datasheet HTML 8Page - NXP Semiconductors NVT2002 Datasheet HTML 9Page - NXP Semiconductors NVT2002 Datasheet HTML 10Page - NXP Semiconductors NVT2002 Datasheet HTML 11Page - NXP Semiconductors NVT2002 Datasheet HTML 12Page - NXP Semiconductors NVT2002 Datasheet HTML 13Page - NXP Semiconductors NVT2002 Datasheet HTML 14Page - NXP Semiconductors NVT2002 Datasheet HTML 15Page - NXP Semiconductors NVT2002 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
NVT2001_NVT2002
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 26 October 2011
12 of 23
NXP Semiconductors
NVT2001; NVT2002
Bidirectional voltage level translator
12. Performance curves
tPLH up-translation is typically dominated by the RC time constant, i.e.,
CL(tot)  RPU =50pF  197  = 9.85 ns, but the Ron  CL(tot) =50pF  5  =0.250 ns.
tPHL is typically dominated by the external pull-down driver + Ron, which is typically small
compared to the tPLH in an up-translation case.
Enable/disable times are dominated by the RC time constant on the EN pin since the
transistor turn off is on the order of ns, but the enable RC is on the order of ms.
Fall time is dominated by the external pull-down driver with only a slight Ron addition.
Rise time is dominated by the RPU  CL.
Skew time within the part is virtually non-existent, dominated by the difference in bond
wire lengths, which is typically small compared to the board-level routing differences.
Maximum data rate is dominated by the system capacitance and pull-up resistors.
(1) VI(EN) = 1.5 V; IO =64mA; VI =0V.
(2) VI(EN) = 4.5 V; IO =15mA; VI =2.4 V.
(3) VI(EN) = 2.3 V; IO =64mA; VI =0V.
(4) VI(EN) = 3.0 V; IO =64mA; VI =0V.
(5) VI(EN) = 4.5 V; IO =64mA; VI =0V.
Fig 13. Typical capacitance versus propagation delay
C (pF)
0
100
80
40
60
20
002aaf349
0.4
0.2
0.6
0.8
tPD
(ns)
0
(1)
(2)
(3)
(5)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com