Electronic Components Datasheet Search
  English  ▼

X  

EPC110 Datasheet(PDF) 18 Page - Espros Photonics corp

Part # EPC110
Description  Fully integrated configurable light barrier driver & receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC110 Datasheet(HTML) 18 Page - Espros Photonics corp

Back Button EPC110 Datasheet HTML 14Page - Espros Photonics corp EPC110 Datasheet HTML 15Page - Espros Photonics corp EPC110 Datasheet HTML 16Page - Espros Photonics corp EPC110 Datasheet HTML 17Page - Espros Photonics corp EPC110 Datasheet HTML 18Page - Espros Photonics corp EPC110 Datasheet HTML 19Page - Espros Photonics corp EPC110 Datasheet HTML 20Page - Espros Photonics corp EPC110 Datasheet HTML 21Page - Espros Photonics corp EPC110 Datasheet HTML 22Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
epc110
Symbol Parameter
Comments / Conditions
Values
Units
Min.
Typ.
Max.
t1
Edge time CS to SCK
Falling edge CS to falling edge SCK
50
ns
f SCK
Clock frequency of SCK
10
MHz
tH / tL
HIGH and LOW period of SCK
50
ns
tSU / tHold
Set-up and hold time of SI
Data stable before and after positive edge of SCK
15
ns
tD
Output data of SO valid
Data valid after negative edge of SCK
20
ns
trf / trf SCK
Rise / fall time SO / SCK
20
ns
Input Data Format and Command List
The communication is based on telegrams (Direct commands or results), which are sent and received over the SPI interface.
The input data format (telegram) is given in Figure 15. The first bit in the data stream from the microprocessor to the epc110 chip (SI pin) will
be B = 0 always.
Figure 15: Communication to the epc110 device: Direct Command
Command set:
Name
Cmd Code
Start
B
Cmd Code
Command
C0...C2
Cmd Code
Extension
R0...R4
Cmd Code
Data
D0...D16
Cmd Code
Termination
T0, T1
Function
Result Data
No. of data bits
on SPI interface
Command / Result
NOP
0
000
---
---
---
No operation,
or read out data
No
≧
4
READ
0
010
Register address
---
00
Read register Rn
Yes
11 / 22
WRITE
0
011
Register address
Data
00
Write data to RAM
(Register 16...18)
No
27 / --
PROG
0
110
Register address
---
---
Copy data to ROM
No
9 / --
RESET
0
111
11001
---
---
Reset the device
No
9 / --
Table 4: Command list
Remarks:
•
The telegram data is transmitted with the LSB first.
•
A telegram starts with the CS change from high to low (Synchronization) and ends with the change from low to high.
•
Single telegrams either commands as well results have to be separated by a CS = 1 in between.
•
Additional SCK clock cycles have no effect.
This allows to extend the above given minimal telegram lengths to a standardized telegram lengths (Byte, word or double-word).
•
The minimum telegram length is given in Table 3, section Number of data bits.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
18
Datasheet epc110 - V2.1
www.espros.ch
<SPI Direct command>
<LST>
20.05.2011
Page 1
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
CS
SCK
SI
C0
C1
C2
R0
R1
R2
R3
R4
D0
D1
Dn
Command
Register Address or Cmd Extension
Data
B
T0
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com