Electronic Components Datasheet Search
  English  ▼

X  

EPC110 Datasheet(PDF) 17 Page - Espros Photonics corp

Part # EPC110
Description  Fully integrated configurable light barrier driver & receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC110 Datasheet(HTML) 17 Page - Espros Photonics corp

Back Button EPC110 Datasheet HTML 13Page - Espros Photonics corp EPC110 Datasheet HTML 14Page - Espros Photonics corp EPC110 Datasheet HTML 15Page - Espros Photonics corp EPC110 Datasheet HTML 16Page - Espros Photonics corp EPC110 Datasheet HTML 17Page - Espros Photonics corp EPC110 Datasheet HTML 18Page - Espros Photonics corp EPC110 Datasheet HTML 19Page - Espros Photonics corp EPC110 Datasheet HTML 20Page - Espros Photonics corp EPC110 Datasheet HTML 21Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
epc110
Signal conditions and sequences:
Operation mode:
CS = 1, SCK =1, BUF1 = tristate (OUT ESCK = 0), LED/SCK toggling by epc110.
Mode transition to SPI:
If LED/SCK = 1: SCK =1, BUF1 = transparent (OUT ESCK = 1), CS = 0.
Parameter/program mode:
CS = 0, BUF1 = transparent (OUT ESCK = 1), SCK and LED/SCK toggling by micro-processor.
Mode transition to operation: If LED/SCK =1: BUF1 = tristate (OUT ESCK = 0), CS = 1.
3.
Overload-protection of LED and LED driver
Are the LED and LED driver not designed for continuous mode operation, there is a risk of overloading the LED or the LED driver in
case of no decoupling of the LED driver input from the SPI interface as well from the command instructions. The signals on the line
LED/SCK are depending of the status of the SCK signal itself and from the commands polarity of LED pulse POL, pulse length
TPULSE, Mode selection MODE and the status of the line EN.
In the example circuitry this decoupling is done by the signal OUT ESCK, the inverter INV1 and the and-circuit AND1. In case of
switching the buffer BUF1 transparent (OUT ESCK =1) the LED driver signal is set to low.
4.
Supply of the programming voltage (VPROG 7.5V) at pin VDD (refer also to chapter “ Programming Procedure“)
To write the data from the volatile RAM section to the non-volatile ROM section a programming voltage has to be connected to the
VDD pin of the epc110 following the timing diagram of Figure 17: Direct programming procedure.
This is done by an overwriting voltage source to the VDD pin in the proposed design. The main supply for he micro-processor and
the epc110, pin VDD33 is done by the 3.3V voltage regulator, the diode D3 and the resistors R3 and R4. Pin VDD of the epc110 is
fed by diode D2. This allows to overwrite the 3.3V operating supply by the higher 7.5V programming voltage. The programming
voltage is produced by the voltage regulator T3, D4 and R6. Switch on/off of the programming voltage will be done by the R7,T4,R5
and T2 and the signal OUT PROG.
Timing Specifications of telegrams
While CS = 0 and serial clock SCK is toggling in bi-directional function data are
–
on input SI read in (Command) with the positive edge and
–
on output SO read out (Result) with the negative edge of the serial clock.
Means whilst data are sent to the epc110 chip by the micro-controller, in parallel the result of the last (or more generally: of a previous)
command is sent back from the epc110 to the micro-controller according to the SPI protocol. The timing diagram is shown in Figure 14).
Part Name
Part No.
Designed
Approved
Scale
Page
<Partname>
<x000 000>
<Name>
<Data>
M 1:1
<Name>
File:
26.02.2009
1
<xx>
DIN A4
SCK
SCK
CS
SI
SO
t
H
1/f
SCK
t
L
t
Hold
t
SU
t
D
t
1
t
rfSCK
t
rf
CS
SI
SO
Serial input/output clock – positive edge: data read in; negative edge: data read out
Device selection
Serial data input
Serial data output
Raster 2.5 x 2.5mm
Figure 14: SPI bus timing
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
17
Datasheet epc110 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com