Electronic Components Datasheet Search
  English  ▼

X  

EPC110 Datasheet(PDF) 16 Page - Espros Photonics corp

Part # EPC110
Description  Fully integrated configurable light barrier driver & receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC110 Datasheet(HTML) 16 Page - Espros Photonics corp

Back Button EPC110 Datasheet HTML 12Page - Espros Photonics corp EPC110 Datasheet HTML 13Page - Espros Photonics corp EPC110 Datasheet HTML 14Page - Espros Photonics corp EPC110 Datasheet HTML 15Page - Espros Photonics corp EPC110 Datasheet HTML 16Page - Espros Photonics corp EPC110 Datasheet HTML 17Page - Espros Photonics corp EPC110 Datasheet HTML 18Page - Espros Photonics corp EPC110 Datasheet HTML 19Page - Espros Photonics corp EPC110 Datasheet HTML 20Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
epc110
SPI Interface
The serial peripheral interface (SPI) allows the micro-controller to communicate with the epc110 device. It allows the access to the internal
memory of the chip for parameter setting and programming for configuration or in a dynamic mode to change parameters on the fly.
Hardware interface
This functionality is given by double-used pins: LED/ SCK, EN/SI, OUTN/SO.
The signal CS does the selection, if the operation mode or the command/program mode is active:
1.
CS = 1: operation mode
→ LED, EN, OUTN are active.
2.
CS = 0: command/program mode
→ SCK, SI, OUTN are active.
As long as CS = 0 the pin LED/SCK is set to high-ohmic and defined as input pin.
IMPORTANT NOTICE:
Due to fact of the advantage of the flexibility in use of this devic e the responsibility of any possible hardware, LED load or LED driver conflicts
have to be handled by the user and are depending of the final application schematic. Main items to take care of are:
•
Double-use as input as well output of LED/ SCK signals/line. For non-standalone application a well done decoupling of the signals is
needed.
•
Parameter setting and programming of the device in final application environment e.g. if LED and LED drivers are not designed for
continuous mode application, risk of overloading.
•
During SPI access of the device in final application environment e.g. if LED and LED drivers are not designed for continuous mode
application, risk of overloading.
Possible solutions are discussed at the example of the principal schematic “ Figure 13: Hardware interface micro-controller – epce110 “.
<Title>
File: Unbenannt
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
25.01.2011
Page 1
<xx>
LST
VDD µC
+
C1
R2
VLED
T1
D1
R1
BUF1
INV1
AND1
V_IN
V_OUT
ADJ
Regulator 3.3V
LED/SCK
EN/SI
OUTN/SO
OUTH
CS
VDD33
VDD18
PD
GND
VDD
epc110
GND
VDD PROG
SCK
SO
SI
CS
GND
VDD
µController
OUT ESCK
IN
R4
R3
R5
T3
T2
T4
OUT PROG
D4
8V2
R7
D2
D3
R6
R8
S1
Figure 13: Hardware interface micro-controller – epce110
1.
Mode selection: Operation mode - Parameter/Program mode
As long the device is not connected to an LED driver, the access to the SPI interface is allowed while CS = 0. This can simply be
done by the switch S1 before power up the circuit. In this case the output LED/ SCK will not be driven as an output.
2.
Run-time access of SPI interface
To have no conflicts together with a micro-processor on the bus line LED/SCK (Output/input) during run-time operation in this
example, the decoupling and interfacing of the LED/ SCK line is done by the tristate buffer BUF1, the additional input IN and
additional output enable SCK (OUT ESCK). While the LED is in operation, driven by the epc110, OUT ESCK = 0 will tristate the
buffer and the SCK line from the micro-processor. With the input IN the micro-processor can read the status of the LED/ SCK line
after the buffer for finding the correct transition time.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
16
Datasheet epc110 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com