Electronic Components Datasheet Search
  English  ▼

X  

EPC110 Datasheet(PDF) 15 Page - Espros Photonics corp

Part # EPC110
Description  Fully integrated configurable light barrier driver & receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC110 Datasheet(HTML) 15 Page - Espros Photonics corp

Back Button EPC110 Datasheet HTML 11Page - Espros Photonics corp EPC110 Datasheet HTML 12Page - Espros Photonics corp EPC110 Datasheet HTML 13Page - Espros Photonics corp EPC110 Datasheet HTML 14Page - Espros Photonics corp EPC110 Datasheet HTML 15Page - Espros Photonics corp EPC110 Datasheet HTML 16Page - Espros Photonics corp EPC110 Datasheet HTML 17Page - Espros Photonics corp EPC110 Datasheet HTML 18Page - Espros Photonics corp EPC110 Datasheet HTML 19Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
epc110
SENSH
2
18
6...4
Upper threshold setting of the photo current sensitivity IPDH. to trigger output OUTH.
6
5
4
Values Default Recommended Recommended Setting
0
0
0
60nA
X
Common use is to set this value 50% above the value used at SENSN,
i.e., if SENSN is put to 48nA, set SENSH to 72nA.
The tolerance of the threshold is approx. ±25%.
0
0
1
72nA
0
1
0
84nA
0
1
1
96nA
X
1
0
0
108nA
1
0
1
120nA
1
1
0
132nA
1
1
1
144nA
n/a
2
18
15...7
no function, must be set as listed below
15 14 13 12 11 10
9
8
7
0
0
0
0
1
0
1
0
1
Sample Parameter Setting
In the section “Applications“ you will find programming examples for “Long range light barrier application (refer also to datasheet epc111)“ and
for “High speed detection rate design (refer also to datasheet epc112) “.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
15
Datasheet epc110 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com