Electronic Components Datasheet Search
  English  ▼

X  

EPC110 Datasheet(PDF) 22 Page - Espros Photonics corp

Part # EPC110
Description  Fully integrated configurable light barrier driver & receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC110 Datasheet(HTML) 22 Page - Espros Photonics corp

Back Button EPC110 Datasheet HTML 18Page - Espros Photonics corp EPC110 Datasheet HTML 19Page - Espros Photonics corp EPC110 Datasheet HTML 20Page - Espros Photonics corp EPC110 Datasheet HTML 21Page - Espros Photonics corp EPC110 Datasheet HTML 22Page - Espros Photonics corp EPC110 Datasheet HTML 23Page - Espros Photonics corp EPC110 Datasheet HTML 24Page - Espros Photonics corp EPC110 Datasheet HTML 25Page - Espros Photonics corp EPC110 Datasheet HTML 26Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
epc110
High speed detection rate design (refer also to datasheet epc112)
Figure 20 shows the epc 110 as an example in a high speed detection rate light barrier application with minimal part count. This design is
optimized for a fast reading of light beam interruptions. Where as the working principle is similar to the above example. This driver circuit
operates with a VDDLED in a range of 6 to 20 VDC.
<Title>
<name>
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
25.01.2011
Page 1
<xx>
OUTH
LED
OUTN
PD
VDD33
VDD
epc110
GND
VDD18
R2
13R
C1
10μF
Low ESR
GND
+3.3V
VDD
LED
= +12V
OUTH
OUTN
PD
epc300
R4
3k6
R3
10k
R1
47R
C3 100nF
C2 1μF
C5 4.7nF
C4 100nF
R5
12k
R7
10k
R6
4k7
Marked conductors must be short and low ohmic
IR LED
TSML1000
T1
BC846B
T2
BC846B
C2
The epc112 device with its very sensitive input PD needs a well decoupled power supply
Figure 20: High speed detection rate light barrier application with minimal part count
Notice:
The schematic is for illustrating the basic circuit idea only. For the real built up the designer has to take all other additional influence factors in
consideration too e.g. design rules, power rating, heat dissipation, ...
The following table shows the parameter allocation in the memory:
ROM RAM
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
16
1
1
0
1
1
0
0
0
0
0
0
0
0
0
1
FUSEBIT
1
17
0
0
1
1
1
1
0
0
0
1
1
1
0
0
0
FUSEBIT
2
18
0
0
0
0
1
0
1
0
1
1
1
1
1
1
1
FUSEBIT
3
19
don't use
FUSEBIT
4
20
don't use
FUSEBIT
Trimming
5
21
don't use
FUSEBIT
6
22
don't use
FUSEBIT
7
23
don't use
FUSEBIT Device Address
8
24
Lot no. LSB
FUSEBIT
Chip ID
9
25
Lot no. MSB
FUSEBIT
10
26
Chip ID
FUSEBIT
11
27
Factory use only
FUSEBIT
12
28
Revision no.
FUSEBIT
13
29
no function
FUSEBIT
14
30
no function
FUSEBIT
15
31
no function
FUSEBIT
Application
parameters
Figure 21: Detailed memory map epc110 “High speed”
Parameter settings can be done by writing complete 16 bit registers only.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
22
Datasheet epc110 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com