Electronic Components Datasheet Search
  English  ▼

X  

EPC110 Datasheet(PDF) 14 Page - Espros Photonics corp

Part # EPC110
Description  Fully integrated configurable light barrier driver & receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC110 Datasheet(HTML) 14 Page - Espros Photonics corp

Back Button EPC110 Datasheet HTML 10Page - Espros Photonics corp EPC110 Datasheet HTML 11Page - Espros Photonics corp EPC110 Datasheet HTML 12Page - Espros Photonics corp EPC110 Datasheet HTML 13Page - Espros Photonics corp EPC110 Datasheet HTML 14Page - Espros Photonics corp EPC110 Datasheet HTML 15Page - Espros Photonics corp EPC110 Datasheet HTML 16Page - Espros Photonics corp EPC110 Datasheet HTML 17Page - Espros Photonics corp EPC110 Datasheet HTML 18Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
epc110
DEC
1
17
12...9
Weight of missing pulse counts. Refer to Pulse Modulated Operation (e.g. OUTNint to OUTN) :
Minimum number of missing pulses nM of light detection for counting the r elease time (fall time) tF.
12
11
10
9
DEC
Min. nM
Setting
0
0
0
0
0
32768
X (Default setting)
0
0
0
1
1
16384
0
0
1
0
2
8192
0
0
1
1
3
4096
0
1
0
0
4
2048
0
1
0
1
5
1024
0
1
1
0
6
512
0
1
1
1
7
256
1
0
0
0
8
128
1
0
0
1
9
64
1
0
1
0
10
32
1
0
1
1
11
16
1
1
0
0
12
8
X (typical setting)
1
1
0
1
13
4
1
1
1
0
14
2
1
1
1
1
15
1
TPER
1
17
15...13 For fork light barrier, standalone mode: LED cycle time tCycle.
For fork light barrier, controlled mode:
Select next lower value then external EN cycle time.
15
14
13
Values Default
Recommended Setting
0
0
0
5μs
X
0
0
1
10μs
0
1
0
30μs
0
1
1
100μs
X (typical setting)
1
0
0
300μs
1
0
1
1ms
1
1
0
10ms
1
1
1
100ms
Parameter
Name
Register No.
Bit No.
Function
ROM
RAM
FUSEBIT
2
18
0
During write operation to this RAM register, put this bit = 0.
This bit will be set automatically, when corresponding ROM register is programmed.
0 Values
0 The corresponding ROM register is not programmed
1 The corresponding ROM register is programmed
SENSN
2
18
3...1
Lower threshold setting of the photo current sensitivity IPDN to trigger output OUTN.
3
2
1
Values Default Recommended Comments
0
0
0
24nA
X
A lower value increases the sensitivity. A too sensitive setting leads to
false readings because of shot noise of the receiver photo diode and the
internal amplifier (typ. input noise level is 7nA RMS without photo diode).
Also induced EMI can lead to false readings if the sensitivity is set too
low. The EMI sensitivity is heavily depending on the system architecture
and the electromechanical design. The better the shielding of the chip
and the photo diode and the better the PCB layout, the better the EMI
immunity.
The tolerance of the threshold is approx. ±25%.
0
0
1
36nA
0
1
0
48nA
0
1
1
60nA
X
1
0
0
72nA
1
0
1
84nA
1
1
0
96nA
1
1
1
108nA
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
14
Datasheet epc110 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com