Electronic Components Datasheet Search
  English  ▼

X  

EPC110 Datasheet(PDF) 9 Page - Espros Photonics corp

Part # EPC110
Description  Fully integrated configurable light barrier driver & receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC110 Datasheet(HTML) 9 Page - Espros Photonics corp

Back Button EPC110 Datasheet HTML 5Page - Espros Photonics corp EPC110 Datasheet HTML 6Page - Espros Photonics corp EPC110 Datasheet HTML 7Page - Espros Photonics corp EPC110 Datasheet HTML 8Page - Espros Photonics corp EPC110 Datasheet HTML 9Page - Espros Photonics corp EPC110 Datasheet HTML 10Page - Espros Photonics corp EPC110 Datasheet HTML 11Page - Espros Photonics corp EPC110 Datasheet HTML 12Page - Espros Photonics corp EPC110 Datasheet HTML 13Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
epc110
The same principle applies to the counter and signal of OUTH.
The parameter INC defines the delay nV in number of clock cycles from the start of a pulse chain to the negative edge of OUTN.
The parameter DEC defines the delay n M from the end of a pulse chain to the positive edge of OUTN.
Application
example
No. of
Pulses nM
No. of
missing Pulses nV
Long range
8
8
High speed
3
2
Table 2: Example: Settings based of filter coefficients INC and DEC
Light Pulse Detection Output OUTN
The epc110 contains two digital outputs to indicate that a valid signal of light pulses are received by the photo diode. The first output OUTN is
triggered, when the lower threshold is reached by the input signal (see Figure 5). This output is used usually to drive the output of the light
barrier. This is a fully CMOS compatible digital output.
Light Reserve Output OUTH
However, if the incoming signal is just at the trigger threshold of OUTN, an unstable situation can occur. Thus, a second output OUTH is
integrated with a higher trigger threshold to indicate that a certain 'light reserve' is reached (see Figure 5). This output is usually used to drive
a visible LED to indicate to the operator a stable detection function of the light barrier. To have not too short pulses OUTH, this signal is
stimulated by signal OUTH Filter and synchronized reseted by OUTN.
OUTN Filter
OUTH Filter
OUTN
OUTH
Emitter LED
Figure 7: synchronization OUTH with OUTN
The trigger threshold of OUTH is set usually approx. 50% above the trigger threshold of OUTN.
This output is not CMOS compatible. Its voltage is depending of the load according to Figure 8.
File: Unbenannt
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
OUTH high min.: 3.0V / + 85ºC
OUTH high max.: 3.6V / - 40ºC
OUTH high typ.
OUTH low max.
Voltage OUTH [V]
Figure 8: Output voltage versus output current of output OUTH
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
9
Datasheet epc110 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com