Electronic Components Datasheet Search
  English  ▼

X  

EPC110 Datasheet(PDF) 3 Page - Espros Photonics corp

Part # EPC110
Description  Fully integrated configurable light barrier driver & receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC110 Datasheet(HTML) 3 Page - Espros Photonics corp

  EPC110 Datasheet HTML 1Page - Espros Photonics corp EPC110 Datasheet HTML 2Page - Espros Photonics corp EPC110 Datasheet HTML 3Page - Espros Photonics corp EPC110 Datasheet HTML 4Page - Espros Photonics corp EPC110 Datasheet HTML 5Page - Espros Photonics corp EPC110 Datasheet HTML 6Page - Espros Photonics corp EPC110 Datasheet HTML 7Page - Espros Photonics corp EPC110 Datasheet HTML 8Page - Espros Photonics corp EPC110 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
epc110
SPI Interface Data (for more details refer to “SPI Interface“)
Symbol
Parameter
Conditions/Comments
Values
Units
Min.
Typ.
Max.
fSCK
SCK Clock frequency
10
MHz
tH
High period of SCK
50
ns
tL
Low period of SCK
50
ns
trfSCK
Serial clock rise / fall time of SCK
20
ns
t1
Edge time CS --> SCK
50
ns
tSU
Set-up time of SI
15
ns
thold
Hold time of SI
15
ns
tD
Output data of SO valid after SCK
20
ns
trf
Output data rise / fall time of SO
20
ns
Other Data (refer to “Functional Description“)
Symbol
Parameter
Conditions/Comments
Para-
meter
Values
Units
Min.
Typ.
Max.
IPDN
Photo Current Sensitivity OUTN
Pulse height to trigger internal threshold
OUTN. Refer to Functional Description
SENSN
Programmable between
24...108
nA
IPDH
Photo Current Sensitivity OUTH
Pulse height to trigger internal threshold
OUTH. Refer to Functional Description
SENSH
Programmable between
60...144
nA
Ipulse
Maximum Input Pulse Current
If the input current pulse is above this level,
the recovery time tREC becomes trelax . (refer to
parameter trelax)
100
µA
IN_Imin
Input related noise
@ IPDDC =0
15
nA RMS
IN_Imax
Input related noise
@ IPDDC =IPDDCMax
20
nA RMS
IPDDC
DC Photo Diode Current
generated by ambient light with no effect to
the sensitivity
0.0
2
mA
CPD
Photodiode Capacitance
Refer to section Application Information,
Photodiode Capacitance
50
pF
tPulse
LED Pulse Length
TPULSE
Programmable between
1…8
µs
tCycle
LED Cycle Time
for fork light barrier, standalone mode
TPER
Programmable between
5…100'000
µs
for fork light barrier, controlled mode
controlled by EN input
trelax
Recovery time
after a strong current pulse (Ipulse = 100µA)
50
µs
tR
Response Time
Minimum time from light beam detection to
status change of the output OUTN or OUTH.
tR_MAX = ( nV + 1 ) * tCycle
refer to
tCycle / nV
Programmable between
10µs...3.3s
tF
Release Time (fall time)
Minimum time from beam interruption to
status change of the output OUTN or OUTH.
tF_MAX = ( nM + 1 ) * tCycle
refer to
tCycle / nM
Programmable between
10µs...54.6min
nV
Valid pulse counts
Number of weighted valid (non-missing)
pulses to trigger the output.
Refer to Functional Description
INC
(Programmable between
1…32 pulses)
nM
Missing pulse counts
Number of weighted missing pulses to
release the output.
Refer to Functional Description
DEC
(Programmable between
1…32'767 pulses)
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
3
Datasheet epc110 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com