Electronic Components Datasheet Search
  English  ▼

X  

EPC110 Datasheet(PDF) 10 Page - Espros Photonics corp

Part # EPC110
Description  Fully integrated configurable light barrier driver & receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC110 Datasheet(HTML) 10 Page - Espros Photonics corp

Back Button EPC110 Datasheet HTML 6Page - Espros Photonics corp EPC110 Datasheet HTML 7Page - Espros Photonics corp EPC110 Datasheet HTML 8Page - Espros Photonics corp EPC110 Datasheet HTML 9Page - Espros Photonics corp EPC110 Datasheet HTML 10Page - Espros Photonics corp EPC110 Datasheet HTML 11Page - Espros Photonics corp EPC110 Datasheet HTML 12Page - Espros Photonics corp EPC110 Datasheet HTML 13Page - Espros Photonics corp EPC110 Datasheet HTML 14Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
epc110
To have still digital compatible signals a level conversion is necessary. Below you find some examples for such circuits for converting OUTH
levels to full CMOS compatible digital output.
<Title>
<name>
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
24.01.2011
Page 1
<xx>
OUTH
LED
OUTN
PD
VDD33
VDD
epc110
GND
VDD18
GND
+3.3V
OUTH
R1
3k6
R2
12k
R4
10k
R3
4k7
T1
BC846 B
Figure 9: Non-inverting, low power level shifter (additional current approx. 0.6mA)
<Title>
<name>
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
24.01.2011
Page 1
<xx>
OUTH
LED
OUTN
PD
VDD33
VDD
epc110
GND
VDD18
GND
+3.3V
OUTH
R1
1k5
R3
33k
T1
BC846 B
R2
10k
<Title>
<name>
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
24.01.2011
Page 1
<xx>
OUTH
LED
OUTN
PD
VDD33
VDD
epc110
GND
VDD18
GND
+3.3V
OUTH
R1
3k6
R2
12k
R4
22k
R3
4k7
T1
BC846 B
R5
33k
T2
BC846 B
Figure 10: Simple inverting level shifter
(additional current approx. 1.6mA or 2.6mA)
Figure 11: Inverting, low power level shifter
(additional current approx. 0.8 ... 1.0mA)
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
10
Datasheet epc110 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com